データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZX75LP-50 データシート(PDF) 1 Page - Mini-Circuits

部品番号 ZX75LP-50
部品情報  Low Pass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75LP-50 データシート(HTML) 1 Page - Mini-Circuits

  ZX75LP-50 Datasheet HTML 1Page - Mini-Circuits ZX75LP-50 Datasheet HTML 2Page - Mini-Circuits ZX75LP-50 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
The Big Deal
• High rejection
• Low Insertion loss, 1.4 dB typical in passband
• Fast roll-off
• Good VSWR
• Connectorized package
Product Overview
ZX75LP-50+ is a 50Ω low pass filter built in a connectorized package. Covering DC-50 MHz bandwidth, these units
offer good matching within the passband and high rejection in stopband. This will find its applications in receivers
and transmitters to suppress spurious emission and harmonics. It has repeatable performance across production
lots and consistent performance across temperature.
Feature
Advantages
Low passband insertion loss
Suitable for high performance application
Fast roll-off
Provides very good adjacent band rejection
Connectorized package
The connectorized package is easy to interface with other devices and well suited for test setups
Good VSWR
Provides good interface when used with other devices.
Key Features
ZX75LP-50+
50Ω
DC to 50 MHz
Low Pass Filter
Coaxial
CASE STYLE: KE1467


同様の部品番号 - ZX75LP-50

メーカー部品番号データシート部品情報
logo
Mini-Circuits
ZX75LP-105 MINI-ZX75LP-105 Datasheet
246Kb / 3P
   Low Pass Filter
ZX75LP-105++ MINI-ZX75LP-105+ Datasheet
246Kb / 3P
   Low Pass Filter
ZX75LP-105-S++ MINI-ZX75LP-105-S+ Datasheet
246Kb / 3P
   Low Pass Filter
ZX75LP-120 MINI-ZX75LP-120 Datasheet
236Kb / 3P
   Low Pass Filter
ZX75LP-120++ MINI-ZX75LP-120+ Datasheet
236Kb / 3P
   Low Pass Filter
More results

同様の説明 - ZX75LP-50

メーカー部品番号データシート部品情報
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com