データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTS7040-2EPA データシート(PDF) 30 Page - Infineon Technologies AG

部品番号 BTS7040-2EPA
部品情報  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7040-2EPA データシート(HTML) 30 Page - Infineon Technologies AG

Back Button BTS7040-2EPA Datasheet HTML 26Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 27Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 28Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 29Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 30Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 31Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 32Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 33Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
Data Sheet
30
Rev. 1.00
2017-08-24
BTS7040-2EPA
PROFETTM+2
Protection
Figure 23 Overtemperature Protection (Dynamic)
When the Overtemperature protection circuitry allows the channel to be switched ON again, the retry strategy
described in Chapter 8.3 is followed.
8.2
Overload Protection
The BTS7040-2EPA is protected in case of Overload or short circuit to ground. Two Overload thresholds are
defined (see Figure 24) and selected automatically depending on the voltage VDS across the power DMOS:
• IL(OVL0) when VDS < 13 V
• IL(OVL1) when VDS > 22 V
IL(OVL)
IL
t
TJ
IIS
Protection_PROFET_dT_IRC.emf
DEN
Internal
counter
TJ(ABS)
t
t
t
t
1
0
IN
t
IIS(FAULT)
tIS(FAULT)_D
IL / kILIS
TJ(REF)
2


同様の部品番号 - BTS7040-2EPA

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS7040-2EPA INFINEON-BTS7040-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

同様の説明 - BTS7040-2EPA

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com