データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTS50020-1TAD データシート(PDF) 20 Page - Infineon Technologies AG

部品番号 BTS50020-1TAD
部品情報  Smart High-Side Power Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50020-1TAD データシート(HTML) 20 Page - Infineon Technologies AG

Back Button BTS50020-1TAD Datasheet HTML 16Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 17Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 18Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 19Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 20Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 21Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 22Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 23Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Data Sheet
20
Rev. 1.1
2017-03-28
BTS50020-1TAD
Smart High-Side Power Switch
Functional Description
5.1.6
PWM Switching
The switching losses during this operation should be properly considered (see following equation):
PTOTAL = (switching_ON_energy + switching_OFF_energy + IL2 × RDS(ON) × tDC) / period
PWM switching application slightly above tIN(RESETDELAY) parameter (see Figure 26) with calculated power
dissipation PTOTAL > PTOT parameter limit causes an effective increase in TJ(TRIP) parameter.
In the event of a fault condition it has to be ensured, that the PWM frequency will not exceed a maximum retry
frequency of fFAULT (parameter P_4.1.9). With this measure the short circuit robustness nRSC1 (parameter
P_4.1.4) can be utilized. Operation at nominal PWM frequency can only be restored, once the fault condition
is overcome.
Figure 14 Switching in PWM
5.1.7
Advanced switch-off behavior
In order to reduce device stress when switching OFF critical loads and/or critical load conditions, the device
provides an advanced switch off functionality which results in a typically ten times faster switch off behavior.
This fast switch off functionality is triggered by one the following conditions:
• The device is commanded off by applying VIN(L) at the IN pin. During the switch OFF operation the OUT pins’
voltage in respect to GND pin drops to typically -3 V or below (typically VOUT – VGND ≤ -3 V).
• The device is commanded on or is already in on-state. The device then detects a short circuit condition
(IL ≥ ICL(0)) and initiates a protective switch off. Please refer to Chapter 5.3.6.1 and Chapter 5.3.6.2 for
details.
VIN
t
VIN_H
VIN_L
t
PTOT
P
tDC


同様の部品番号 - BTS50020-1TAD

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS50025-1TAD INFINEON-BTS50025-1TAD Datasheet
924Kb / 51P
   Smart High-Side Power Switch
Rev. 1.1 2017-03-30
BTS50025-1TEA INFINEON-BTS50025-1TEA Datasheet
1Mb / 44P
   Smart High-Side Power Switch
Rev.1.0 2018-08-16
More results

同様の説明 - BTS50020-1TAD

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com