データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN3100C データシート(PDF) 5 Page - ON Semiconductor

部品番号 FAN3100C
部品情報  Single 2 A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3100C データシート(HTML) 5 Page - ON Semiconductor

  FAN3100C Datasheet HTML 1Page - ON Semiconductor FAN3100C Datasheet HTML 2Page - ON Semiconductor FAN3100C Datasheet HTML 3Page - ON Semiconductor FAN3100C Datasheet HTML 4Page - ON Semiconductor FAN3100C Datasheet HTML 5Page - ON Semiconductor FAN3100C Datasheet HTML 6Page - ON Semiconductor FAN3100C Datasheet HTML 7Page - ON Semiconductor FAN3100C Datasheet HTML 8Page - ON Semiconductor FAN3100C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.onsemi.com
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable
above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition,
extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
VDD to PGND
-0.3
20.0
V
VIN
Voltage on IN+ and IN- to GND, AGND, or PGND
GND - 0.3
VDD + 0.3
V
VOUT
Voltage on OUT to GND, AGND, or PGND
GND - 0.3
VDD + 0.3
V
TL
Lead Soldering Temperature (10 Seconds)
+260
ºC
TJ
Junction Temperature
-55
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. ON Semiconductor
does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage Range
4.5
18.0
V
VIN
Input Voltage IN+, IN-
0
VDD
V
TA
Operating Ambient Temperature
-40
+125
ºC


同様の部品番号 - FAN3100C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN3100C FAIRCHILD-FAN3100C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results

同様の説明 - FAN3100C

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com