データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN3100C データシート(PDF) 19 Page - ON Semiconductor

部品番号 FAN3100C
部品情報  Single 2 A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3100C データシート(HTML) 19 Page - ON Semiconductor

Back Button FAN3100C Datasheet HTML 13Page - ON Semiconductor FAN3100C Datasheet HTML 14Page - ON Semiconductor FAN3100C Datasheet HTML 15Page - ON Semiconductor FAN3100C Datasheet HTML 16Page - ON Semiconductor FAN3100C Datasheet HTML 17Page - ON Semiconductor FAN3100C Datasheet HTML 18Page - ON Semiconductor FAN3100C Datasheet HTML 19Page - ON Semiconductor FAN3100C Datasheet HTML 20Page - ON Semiconductor FAN3100C Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
www.onsemi.com
19
Physical Dimensions
TOP VIEW
0.05 C
0.05 C
2X
2X
2.0
2.0
PIN#1 IDENT
A
B
SIDE VIEW
RECOMMENDED
LAND PATTERN
BOTTOM VIEW
SEATING
PLANE
1
3
4
6
4
6
3
1
PIN #1 IDENT
0.65
1.30
1.21
0.52(6X)
0.90
0.42(6X)
0.65
2.25
1.68
(0.40)
(0.70)
NOTES:
A. PACKAGE DOES NOT FULLY CONFORM
TO JEDEC MO-229 REGISTRATION
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 2009.
D. LAND PATTERN RECOMMENDATION IS
EXISTING INDUSTRY LAND PATTERN.
E. DRAWING FILENAME: MKT-MLP06Krev5.
2.00±0.05
1.40±0.05
0.80±0.05
(0.20)4X
0.32±0.05
0.10
C A B
0.05
C
0.30±0.05 (6X)
(6X)
(0.60)
0.08 C
0.10 C
0.75±0.05
0.025±0.025
C
0.20±0.05
1.72
0.15
Figure 53. 2x2 mm , 6-Lead, Molded Leadless Package (MLP)
Package drawings are provided as a service to customers considering ON Semiconductor components. Drawings may change
in any manner without notice. Please note the revision and/or date on the drawing and contact an ON Semiconductor
representative to verify or obtain the most recent revision. Package specifications do not expand the terms of ON
Semiconductor’s worldwide terms and conditions, specifically the warranty therein, which covers ON Semiconductor
products.


同様の部品番号 - FAN3100C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN3100C FAIRCHILD-FAN3100C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results

同様の説明 - FAN3100C

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com