データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN3100C データシート(PDF) 3 Page - ON Semiconductor

部品番号 FAN3100C
部品情報  Single 2 A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3100C データシート(HTML) 3 Page - ON Semiconductor

  FAN3100C Datasheet HTML 1Page - ON Semiconductor FAN3100C Datasheet HTML 2Page - ON Semiconductor FAN3100C Datasheet HTML 3Page - ON Semiconductor FAN3100C Datasheet HTML 4Page - ON Semiconductor FAN3100C Datasheet HTML 5Page - ON Semiconductor FAN3100C Datasheet HTML 6Page - ON Semiconductor FAN3100C Datasheet HTML 7Page - ON Semiconductor FAN3100C Datasheet HTML 8Page - ON Semiconductor FAN3100C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.onsemi.com
3
Pin Definitions
SOT23
Pin #
MLP
Pin #
Name
Pin Description
1
3
VDD
Supply Voltage. Provides pow er to the IC.
2
AGND
Analog ground for input signals (MLP only). Connect to PGND underneath the IC.
2
GND
Ground (SOT-23 only). Common ground reference for input and output circuits.
3
1
IN+
Non-Inverting Input. Connect to VDD to enable output.
4
6
IN
-
Inverting Input. Connect to AGND or PGND to enable output.
5
4
OUT
Gate Drive Output: Held LOW unless required inputs are present and VDD is above UVLO
threshold.
Pad
P1
Therm al Pad (MLP only). Exposed metal on the bottom of the package, w hich is
electrically connected to pin 5.
5
PGND
Pow er Ground (MLP only). For output drive circuit; separates sw itching noise from
inputs.
Output Logic
IN+
IN
OUT
0
(7)
0
0
0
(7)
1
(7)
0
1
0
1
1
1
(7)
0
Note:
7.
Default input signal if no external connection is made.


同様の部品番号 - FAN3100C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN3100C FAIRCHILD-FAN3100C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results

同様の説明 - FAN3100C

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com