データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN3121 データシート(PDF) 17 Page - ON Semiconductor

部品番号 FAN3121
部品情報  Single 9-A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3121 データシート(HTML) 17 Page - ON Semiconductor

Back Button FAN3121 Datasheet HTML 13Page - ON Semiconductor FAN3121 Datasheet HTML 14Page - ON Semiconductor FAN3121 Datasheet HTML 15Page - ON Semiconductor FAN3121 Datasheet HTML 16Page - ON Semiconductor FAN3121 Datasheet HTML 17Page - ON Semiconductor FAN3121 Datasheet HTML 18Page - ON Semiconductor FAN3121 Datasheet HTML 19Page - ON Semiconductor FAN3121 Datasheet HTML 20Page - ON Semiconductor FAN3121 Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
www.onsemi.com
17
Typical Application Diagrams
Figure 53. Full-Bridge Synchronous Rectification
Figure 54. Hybrid Synchronous Rectification in a Forward Converter
V
IN
V
OUT
From A2
From A1
A1
A2
B1
B2
V
DD
IN
AGND
OUT
OUT
V
DD
PGND
1
2
3
6
7
8
4
5
SR EN
BIAS
V
DD
IN
AGND
OUT
OUT
V
DD
PGND
1
2
3
6
7
8
4
5
EN
SR EN
EN
FAN3122
FAN3122
V
BIAS
V
IN
FAN3121
PWM
V
OUT
SR Enable
Active HIGH
1
2
3
4
5
6
7
8
V
DD
IN
EN
AGND
V
DD
OUT
OUT
PGND
P1
(AGND)


同様の部品番号 - FAN3121

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3121C ONSEMI-FAN3121C Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FAN3121C FAIRCHILD-FAN3121C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3121C FAIRCHILD-FAN3121C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
More results

同様の説明 - FAN3121

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3100C ONSEMI-FAN3100C Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com