データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8811B データシート(PDF) 3 Page - Texas Instruments

部品番号 DAC8811B
部品情報  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC8811B データシート(HTML) 3 Page - Texas Instruments

  DAC8811B Datasheet HTML 1Page - Texas Instruments DAC8811B Datasheet HTML 2Page - Texas Instruments DAC8811B Datasheet HTML 3Page - Texas Instruments DAC8811B Datasheet HTML 4Page - Texas Instruments DAC8811B Datasheet HTML 5Page - Texas Instruments DAC8811B Datasheet HTML 6Page - Texas Instruments DAC8811B Datasheet HTML 7Page - Texas Instruments DAC8811B Datasheet HTML 8Page - Texas Instruments DAC8811B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC8811
SLAS411A – NOVEMBER 2004 – REVISED DECEMBER 2004
V
DD = +2.7 V to +5.5 V; IOUT = Virtual GND, GND = 0 V; VREF = 10 V; TA = full operating temperature. All specifications -40°C
to +85
°C, unless otherwise noted.
DAC8811
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE(1)
Resolution
16
Bits
Relative accuracy
DAC8811C
±1
LSB
Relative accuracy
DAC8811B
±2
LSB
Differential nonlinearity
±1
LSB
Output leakage current
Data = 0000h, TA = +25°C
10
nA
Output leakage current
Data = 0000h, TA = TMAX
10
nA
Full-scale gain error
All ones loaded to DAC register
±1
±4
mV
Full-scale tempco
±3
ppm/
°C
OUTPUT CHARACTERISTICS(2)
Output current
2
mA
Output capacitance
Code dependent
50
pF
REFERENCE INPUT
VREF Range
-15
15
V
Input resistance
5
k
Input capacitance
5
pF
LOGIC INPUTS AND OUTPUT(2)
Input low voltage
VIL VDD = +2.7V
0.6
V
VIL VDD = +5V
0.8
V
Input high voltage
VIH VDD = +2.7V
2.1
V
VIH VDD = +5V
2.4
V
Input leakage current
IIL
10
µA
Input capacitance
CIL
10
pF
INTERFACE TIMING
Clock input frequency
fCLK
50
MHz
Clock pulse width high
10
ns
Clock pulse width low
10
ns
CS to Clock setup time
0
ns
Clock to CS hold time
10
ns
Data setup time
5
ns
Data hold time
10
ns
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (normal operation)
Logic inputs = 0 V
5
µA
VDD = +4.5V to +5.5V
VIH = VDD and VIL = GND
3
5
µA
VDD = +2.7V to +3.6V
VIH = VDD and VIL = GND
1
2.5
µA
AC CHARACTERISTICS
Output voltage settling time
0.5
µs
Reference multiplying BW
VREF = 5 VPP, Data = FFFFh
10
MHz
VREF = 0 V to 10 V,
DAC glitch impulse
2
nV/s
Data = 7FFFh to 8000h to 7FFFh
Feedthrough error VOUT/VREF
Data = 0000h, VREF = 100kHz
-70
dB
Digital feedthrough
2
nV/s
(1)
Linearity calculated using a reduced code range of 48 to 4047; output unloaded.
(2)
Specified by design and characterization; not production tested.
3


同様の部品番号 - DAC8811B

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDGKR TI1-DAC8811IBDGKR Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDGKR TI1-DAC8811IBDGKR Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDGKT TI1-DAC8811IBDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811IBDGKT TI1-DAC8811IBDGKT Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

同様の説明 - DAC8811B

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com