データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN8742MTF データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FAN8742MTF
部品情報  Spindle Motor and 6-CH Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8742MTF データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN8742MTF Datasheet HTML 6Page - Fairchild Semiconductor FAN8742MTF Datasheet HTML 7Page - Fairchild Semiconductor FAN8742MTF Datasheet HTML 8Page - Fairchild Semiconductor FAN8742MTF Datasheet HTML 9Page - Fairchild Semiconductor FAN8742MTF Datasheet HTML 10Page - Fairchild Semiconductor FAN8742MTF Datasheet HTML 11Page - Fairchild Semiconductor FAN8742MTF Datasheet HTML 12Page - Fairchild Semiconductor FAN8742MTF Datasheet HTML 13Page - Fairchild Semiconductor FAN8742MTF Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
www.fairchildsemi.com
FAN8741/FAN8742 Rev. 1.0.1
ELECTRICAL CHARACTERISTICS (Ta = 25
°C, continued)
(Ta=25
°C, SVCC1=VDD=PVCC1=VM2=5V,VM1=SVCC2=PVCC2=PVCC3=12V unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Units
CH1,CH2 DRIVE PART (TYPICALLY ACTUATOR DRIVER)
Output Saturation Voltage H
IO=500mA
0.5
V
Output Saturation Voltage L
IO=500mA
0.5
V
Closed Loop Voltage Gain
-
16.5
18
19.5
dB
Output Offset Voltage
VREF=IN1=IN2=1.65V
-50
-
50
mV
CH3,CH4 DRIVE PART (TYPICALLY TILT,LOADING DRIVER)
Output Saturation Voltage H
IO=500mA
1.0
V
Output Saturation Voltage L
IO=500mA
0.5
V
Closed Loop Voltage Gain
-
16.5
18
19.5
dB
Output Offset Voltage
VREF=IN3=IN4=1.65V
-50
-
50
mV
CH1,CH3 GAIN DIFFERENCE SPEC (TYPICALLY FOCUS,TILT DRIVER)
CH1-CH3 Gain Difference
GVFT12 - GVFT34
-0.5
0
0.5
dB


同様の部品番号 - FAN8742MTF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
   Camera Motor Drive and Control IC
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702B FAIRCHILD-FAN8702B Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MP FAIRCHILD-FAN8702MP Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MPX FAIRCHILD-FAN8702MPX Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
More results

同様の説明 - FAN8742MTF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8732CG FAIRCHILD-FAN8732CG Datasheet
322Kb / 20P
   Spindle motor and 5-CH actuator driver [Spindle(PWM), Sled 2-CH(PWM) 3-CH(Linear)]
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com