データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3127MZ データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 CA3127MZ
部品情報  High Frequency NPN Transistor Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CA3127MZ データシート(HTML) 3 Page - Renesas Technology Corp

  CA3127MZ Datasheet HTML 1Page - Renesas Technology Corp CA3127MZ Datasheet HTML 2Page - Renesas Technology Corp CA3127MZ Datasheet HTML 3Page - Renesas Technology Corp CA3127MZ Datasheet HTML 4Page - Renesas Technology Corp CA3127MZ Datasheet HTML 5Page - Renesas Technology Corp CA3127MZ Datasheet HTML 6Page - Renesas Technology Corp CA3127MZ Datasheet HTML 7Page - Renesas Technology Corp CA3127MZ Datasheet HTML 8Page - Renesas Technology Corp CA3127MZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CA3127
FN662 Rev.5.00
Page 3 of 9
Jun 5, 2006
Test Circuits
Input Resistance
Common-Emitter Configuration
VCE = 6V, IC = 1mA, f = 200 MHz
-
400
-
Output Resistance
-4.6
-
k
Input Capacitance
-3.7
-
pF
Output Capacitance
-2
-
pF
Magnitude of Forward Transadmittance
-
24
-
mS
NOTE:
3. When used as a zener for reference voltage, the device must not be subjected to more than 0.1mJ of energy from any possible capacitance or
electrostatic discharge in order to prevent degradation of the junction. Maximum operating zener current should be less than 10mA.
Electrical Specifications
TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FIGURE 1. VOLTAGE-GAIN TEST CIRCUIT USING CURRENT-MIRROR BIASING FOR Q2
FIGURE 2. 100MHz POWER-GAIN AND NOISE-FIGURE TEST CIRCUIT
7
8
4
2
3
6
GEN
10k
BIAS-CURRENT
ADJ
V+
RL
470
0.01
1
F
VO
Q2
0.01
F
470pF
51
VI
Q3
0.01
1
F
pF
F
F
470pF
1000
pF
NOTES:
4. This circuit was chosen because it conveniently
represents a close approximation in performance to a
properly unilateralized single transistor of this type. The
use of Q3 in a current-mirror configuration facilitates
simplified biasing. The use of the cascode circuit in no
way implies that the transistors cannot be used
individually.
5. E.F. Johnson number 160-104-1 or equivalent.
4
3
2
13
12
14
6
7
5
8
SHIELD
Q5
620
Q2
C1
1.8pF
0.3
H
1000pF
VI
OHMITE
Z144
(NOTE 5)
Q3
25k
1000
pF
1000
pF
560
750
1%
1000
pF
8.2
k
0.47
H
1.5 - 8pF
VO
+12V
C2
TEST
POINT
(NOTE 5)


同様の部品番号 - CA3127MZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3127MZ INTERSIL-CA3127MZ Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
More results

同様の説明 - CA3127MZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3127 INTERSIL-CA3127 Datasheet
60Kb / 7P
   High Frequency NPN Transistor Array
August 1996
CA3127 INTERSIL-CA3127_06 Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA102 NEC-UPA102 Datasheet
54Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA103 NEC-UPA103 Datasheet
73Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA104 NEC-UPA104 Datasheet
65Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA101 NEC-UPA101 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Intersil Corporation
HS-6254RH INTERSIL-HS-6254RH Datasheet
31Kb / 3P
   Radiation Hardened Ultra High Frequency NPN Transistor Array
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
   Ultra High Frequency Transistor Array
February 1995
logo
Solid States Devices, I...
SPT3571 SSDI-SPT3571 Datasheet
496Kb / 4P
   HIGH FREQUENCY TRANSISTOR NPN
logo
Samsung semiconductor
MPS5179 SAMSUNG-MPS5179 Datasheet
34Kb / 1P
   NPN (HIGH FREQUENCY TRANSISTOR)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com