データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K64P144M120SF5 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 K64P144M120SF5
部品情報  Kinetis K64F Sub-Family
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

K64P144M120SF5 データシート(HTML) 10 Page - NXP Semiconductors

Back Button K64P144M120SF5 Datasheet HTML 6Page - NXP Semiconductors K64P144M120SF5 Datasheet HTML 7Page - NXP Semiconductors K64P144M120SF5 Datasheet HTML 8Page - NXP Semiconductors K64P144M120SF5 Datasheet HTML 9Page - NXP Semiconductors K64P144M120SF5 Datasheet HTML 10Page - NXP Semiconductors K64P144M120SF5 Datasheet HTML 11Page - NXP Semiconductors K64P144M120SF5 Datasheet HTML 12Page - NXP Semiconductors K64P144M120SF5 Datasheet HTML 13Page - NXP Semiconductors K64P144M120SF5 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
Table 4. Voltage and current operating behaviors (continued)
Symbol
Description
Min.
Max.
Unit
Notes
IOZ
Hi-Z (off-state) leakage current (per pin)
0.25
μA
IOZ_RTC_WAK
EUP
Hi-Z (off-state) leakage current (per RTC_WAKEUP
pin)
0.25
μA
RPU
Internal pullup resistors (except RTC_WAKEUP pins)
20
50
2
RPD
Internal pulldown resistors (except RTC_WAKEUP
pins)
20
50
3
1. Measured at VDD=3.6V
2. Measured at VDD supply voltage = VDD min and Vinput = VSS
3. Measured at VDD supply voltage = VDD min and Vinput = VDD
2.2.4 Power mode transition operating behaviors
All specifications except tPOR, and VLLSx→RUN recovery times in the following table
assume this clock configuration:
• CPU and system clocks = 100 MHz
• Bus clock = 50 MHz
• FlexBus clock = 50 MHz
• Flash clock = 25 MHz
Table 5. Power mode transition operating behaviors
Symbol
Description
Min.
Max.
Unit
Notes
tPOR
After a POR event, amount of time from the point VDD
reaches 1.71 V to execution of the first instruction
across the operating temperature range of the chip.
300
μs
• VLLS0 → RUN
156
μs
• VLLS1 → RUN
156
μs
• VLLS2 → RUN
78
μs
• VLLS3 → RUN
78
μs
• LLS → RUN
4.8
μs
• VLPS → RUN
4.5
μs
• STOP → RUN
4.5
μs
General
10
Kinetis K64F Sub-Family Data Sheet, Rev. 7, 11/2016
NXP Semiconductors


同様の部品番号 - K64P144M120SF5

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
K64P142M120SF5 NXP-K64P142M120SF5 Datasheet
1Mb / 76P
   Kinetis K64 Sub-Family
Rev. 7, 10/2016
More results

同様の説明 - K64P144M120SF5

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
K66P144M180SF5V2 NXP-K66P144M180SF5V2 Datasheet
1Mb / 91P
   Kinetis K66 Sub-Family
Rev. 4, 04/2017
K80P121M150SF5 NXP-K80P121M150SF5 Datasheet
1Mb / 95P
   Kinetis K80 Sub-Family
Revision 5, 11/2016
KL26P64M48SF5 NXP-KL26P64M48SF5 Datasheet
1Mb / 61P
   Kinetis KL26 Sub-Family
Rev 5 08/2014
KL36P121M48SF4 NXP-KL36P121M48SF4 Datasheet
1Mb / 64P
   Kinetis KL36 Sub-Family
Rev 5 08/2014
K21P121M120SF5 NXP-K21P121M120SF5 Datasheet
1Mb / 76P
   Kinetis K21F Sub-Family
Rev 4, 11/2014
K24P142M120SF5 NXP-K24P142M120SF5 Datasheet
1Mb / 75P
   Kinetis K24 Sub-Family
Rev. 7, 10/2016
K21P121M50SF4V2 NXP-K21P121M50SF4V2 Datasheet
1Mb / 66P
   Kinetis K21D Sub-Family
Rev 6, 04/2014
K22P64M120SF5 NXP-K22P64M120SF5 Datasheet
1Mb / 72P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5 NXP-K22P80M120SF5 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5V2 NXP-K22P80M120SF5V2 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 5, 03/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com