データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12022M データシート(PDF) 10 Page - Renesas Technology Corp

部品番号 ISL12022M
部品情報  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12022M データシート(HTML) 10 Page - Renesas Technology Corp

Back Button ISL12022M Datasheet HTML 6Page - Renesas Technology Corp ISL12022M Datasheet HTML 7Page - Renesas Technology Corp ISL12022M Datasheet HTML 8Page - Renesas Technology Corp ISL12022M Datasheet HTML 9Page - Renesas Technology Corp ISL12022M Datasheet HTML 10Page - Renesas Technology Corp ISL12022M Datasheet HTML 11Page - Renesas Technology Corp ISL12022M Datasheet HTML 12Page - Renesas Technology Corp ISL12022M Datasheet HTML 13Page - Renesas Technology Corp ISL12022M Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ISL12022M
FN6668 Rev 9.00
Page 10 of 32
June 20, 2012
Typical Performance Curves Temperature is +25°C unless otherwise specified.
FIGURE 4. IBAT vs VBAT (VDD = 0V)
FIGURE 5. IBAT vs TEMPERATURE (VDD = 0V)
FIGURE 6. IDD1 vs TEMPERATURE
FIGURE 7. IDD1 vs VDD
FIGURE 8. OSCILLATOR ERROR vs TEMPERATURE
FIGURE 9. FOUT vs IDD
800
850
900
950
1000
1050
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VBAT VOLTAGE (V)
600
800
1000
1200
1400
1600
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
VBAT = 1.8V
VBAT = 3.0V
VBAT = 5.5V
2
3
4
5
6
-40
-20
0
2040
6080
TEMPERATURE (°C)
VDD = 3.3V
VDD = 2.7V
VDD = 5.5V
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
2.7
3.2
3.7
4.2
4.7
5.2
VDD (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
20
406080
TEMPERATURE (°C)
VDD = 2.7V
VBAT = 5.5V
VDD = 3.3V
2
3
4
5
6
0.01
0.1
1
10
100
1k
10k
1M
FREQUENCY OUTPUT (Hz)
VDD = 2.7V
VBAT = 5.5V
VDD = 3.3V


同様の部品番号 - ISL12022M

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
ISL12022M INTERSIL-ISL12022M Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12022M INTERSIL-ISL12022M Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

同様の説明 - ISL12022M

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com