データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12057IBZ データシート(PDF) 7 Page - Renesas Technology Corp

部品番号 ISL12057IBZ
部品情報  Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12057IBZ データシート(HTML) 7 Page - Renesas Technology Corp

Back Button ISL12057IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ISL12057
FN6755 Rev 2.00
Page 7 of 18
Sep 25, 2015
General Description
The ISL12057 device is a low-power, real-time clock with
clock/calendar, power-fail indicator, and alarm function.
The oscillator uses an external, low-cost 32.768kHz crystal
with 6pF load capacitance. The real-time clock tracks time with
separate registers for hours, minutes, and seconds. The
device has calendar registers for date, month, year, and day of
the week. The calendar is accurate through 2099, with
automatic leap year correction.
The ISL12057 has two flexible alarms, and each can be set to any
clock/calendar value for a match; for example, every minute,
every Tuesday, or at 5:23 a.m. on the first day of every month.
The alarm status is available by checking the Status Register, or
the device can be configured to provide a hardware interrupt via
the IRQ1/FOUT or IRQ2 pin. There is a repeat mode for the alarm,
which allows a periodic interrupt every second or every minute.
Pin Description
X1, X2
The X1 and X2 pins are the input and output, respectively, of
an inverting amplifier. An external 32.768kHz quartz crystal
with 6pF load capacitance is used with the ISL12057 to supply
a timebase for the real-time clock. See Figure 6.
The device can also be driven directly from a 32.768kHz
square wave source with peak-to-peak voltage from 0V to VDD
at X1 pin with X2 pin floating.
Typical Performance Curves Temperature is +25°C unless otherwise specified
FIGURE 2. IDD1 vs VDD
FIGURE 3. IDD1 vs TEMPERATURE
FIGURE 4. IDD vs VDD vs FOUT
FIGURE 5. FOUT VS VDD WITH A TYPICAL 32.768kHZ CRYSTAL
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1.41.9
2.42.9
3.4
VDD (V)
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
3.0
1.8
1.4
3.6
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.41.9
2.42.9
3.4
8192Hz
1Hz
32768Hz
4096Hz
VDD (V)
32767.0
32767.2
32767.4
32767.6
32767.8
32768.0
32768.2
32768.4
32768.6
32768.8
32769.0
1.4
1.9
2.4
2.9
3.4
VDD (V)
FIGURE 6. RECOMMENDED CRYSTAL CONNECTION
X1
X2


同様の部品番号 - ISL12057IBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12057IBZ INTERSIL-ISL12057IBZ Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
ISL12057IBZ-T INTERSIL-ISL12057IBZ-T Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
More results

同様の説明 - ISL12057IBZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
logo
NXP Semiconductors
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com