データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL25700 データシート(PDF) 5 Page - Renesas Technology Corp

部品番号 ISL25700
部品情報  Programmable Temperature Controlled MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL25700 データシート(HTML) 5 Page - Renesas Technology Corp

  ISL25700 Datasheet HTML 1Page - Renesas Technology Corp ISL25700 Datasheet HTML 2Page - Renesas Technology Corp ISL25700 Datasheet HTML 3Page - Renesas Technology Corp ISL25700 Datasheet HTML 4Page - Renesas Technology Corp ISL25700 Datasheet HTML 5Page - Renesas Technology Corp ISL25700 Datasheet HTML 6Page - Renesas Technology Corp ISL25700 Datasheet HTML 7Page - Renesas Technology Corp ISL25700 Datasheet HTML 8Page - Renesas Technology Corp ISL25700 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL25700
FN6885 Rev 1.00
Page 5 of 18
July 23, 2014
Absolute Maximum Ratings
Thermal Information
Voltage at any Digital Interface Pin
with respect to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +16.5V
ESD Rating
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . . . 5kV
Machine Model (Tested per JESD22-A115B) . . . . . . . . . . . . . . . . . . 200V
Latchup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class II, Level A at +125°C
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
10 Ld µTQFN Package (Note 4, 5) . . . . . . .
135
75
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Full-range Industrial) . . . . . . . . . . . . . . . . . . . -40°C to +125°C
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 15V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
JC, the “case temp” location is taken at the package top center.
Analog Specifications Over recommended operating conditions unless otherwise stated. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 13)
TYP
(Note 6)
MAX
(Note 13)
UNITS
TSET
Temperature Set Point
TSET must be above ambient
MIN
40
°C
MAX
110
°C
Temperature Set Point Accuracy
3 sigma standard deviation
±3
°C
TSET_COARSE
Coarse Adjustment of Set Point
RTH = 100k @ +25°C,
B25/85 = 4100k (Note 14)
15
°C
TSET_FINE
Fine Adjustment of Set Point
0.1
°C
TSET_FINE_INL
(Note 9)
Fine Control Integral
Non-linearity
-2.5
±0.9
+2.5
LSB
(Note 7)
TSET_FINE_DNL
(Note 8)
Fine Control Differential
Non-linearity
-2
±0.5
+2
LSB
(Note 7)
TDRIFT
Long-term Drift of Set Point
1000h, Reg.1 = x2h, Reg.2 = 80h,
Reg.3 = 90h
±0.5
°C
ITH
Thermistor Current Range
25
40
55
µA
RTH
NTC Thermistor Range
Resistance @ +25°C
20
100
200
VOUT
External P-MOSFET Gate Voltage
IOUT = 0µA
0.25
VDD
V
VOUT Swing @ Fixed VDD
IOUT = 0µA
MIN
VDD -2.5
V
IOUT
Output Current
7µA
VSENSE
Overcurrent Protection Set Point
VSENSE = ISENSE x RSENSE;
see Table 3
200 to 1750
mV
GENERAL PURPOSE DAC (MEASUREMENTS BETWEEN GND AND VDAC)
VDAC MAX
Maximum DAC Output
Using internal VREF, VDD 5V, No load,
Gain = 1
2
2.5
V
VDD > 5V, No load, Gain = 2
4
5.0
V
INL
(Note 9)
Integral Non-Linearity
No load
-1
±0.4
+1
LSB
(Note 7)
DNL
(Note 8)
Differential Non-linearity
No load
-0.75
±0.3
+0.75
LSB
(Note 7)


同様の部品番号 - ISL25700

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL25700 INTERSIL-ISL25700 Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-T INTERSIL-ISL25700FRUZ-T Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-T7A INTERSIL-ISL25700FRUZ-T7A Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-TK INTERSIL-ISL25700FRUZ-TK Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
More results

同様の説明 - ISL25700

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL25700 INTERSIL-ISL25700 Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
logo
Allegro MicroSystems
A3985 ALLEGRO-A3985 Datasheet
446Kb / 15P
   Digitally Programmable Dual Full-Bridge MOSFET Driver
logo
Linear Technology
LT3597 LINER-LT3597 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Maxim Integrated Produc...
MAX16816 MAXIM-MAX16816 Datasheet
341Kb / 33P
   Programmable Switch-Mode LED Driver with Analog-Controlled PWM Dimming
Rev 0; 1/08
logo
Texas Instruments
LP5522 TI1-LP5522 Datasheet
797Kb / 17P
[Old version datasheet]   Programmable LED Driver
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
   Programmable LED Driver
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Epson Company
VG7050EAN EPSON-VG7050EAN Datasheet
427Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
VG7050ECN-SM20T007 EPSON-VG7050ECN-SM20T007 Datasheet
808Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com