データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12057EVALZ データシート(PDF) 10 Page - Renesas Technology Corp

部品番号 ISL12057EVALZ
部品情報  Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12057EVALZ データシート(HTML) 10 Page - Renesas Technology Corp

Back Button ISL12057EVALZ Datasheet HTML 6Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 7Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 8Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 9Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 10Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 11Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 12Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 13Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL12057
FN6755 Rev 2.00
Page 10 of 18
Sep 25, 2015
Interrupt Control Register (INT) [Address 0Eh]
OSCILLATOR ENABLE BIT (EOSC)
The EOSC bit enables the crystal oscillator function when it is
set to “0”. When the EOSC bit is set to “1”, the crystal oscillator
function is disabled, and the device enters power-saving mode.
The EOSC bit is set to “0” at power-up.
FREQUENCY OUT CONTROL BITS (RS2, RS1)
These bits select the output frequency at the IRQ1/FOUT pin.
INTCN must be set to “0” for frequency output at the
IRQ1/FOUT pin. See Table 3 for Frequency Selection of the
FOUT pin.
INTERRUPT CONTROL BIT (INTCN) AND ALARM
INTERRUPT ENABLE BITS (A2IE, A1IE)
The INTCN bit controls the relationship between the alarm
interrupts and the IRQ1/FOUT and IRQ2 pins. The A2IE and
A1IE bits enable the alarm interrupts, A2F and A1F, to assert
the IRQ1/FOUT and IRQ2 pins. See Table 4 for Alarm Interrupt
Selection with INTCN, A2IE and A1IE bits.
Status Register (SR) [Address 0Fh]
The Status Register is located in the memory map at address
0Fh. This is a volatile register that provides status of oscillator
failure and alarm interrupts.
ALARM1 INTERRUPT BIT (A1F)
These bits announce if the Alarm1 matches the real-time clock.
If there is a match, the respective bit is set to “1”. This bit is
manually reset to “0” by the user. A write to this bit in the SR
can only set it to “0”, not to “1”.
ALARM2 INTERRUPT BIT (A2F)
These bits announce if the Alarm2 matches the real-time clock.
If there is a match, the respective bit is set to “1”. This bit is
manually reset to “0” by the user. A write to this bit in the SR
can only set it to “0”, not to “1”.
OSCILLATOR FAILURE BIT (OSF)
This bit is set to a “1” when there is no oscillation on the X1 pin.
The bit is set by hardware (ISL12057 internally) and can only
be disabled by having an oscillation on X1 and manually
resetting to “0” to reset it.
Alarm1 Registers
Addresses [Address 07h to 0Ah]
The Alarm1 register bytes are set up identically to the RTC
register bytes, except that the MSB of each byte functions as
an enable bit (enable = “0”). These enable bits specify which
alarm registers (seconds, minutes, etc.) are used to make the
comparison. When all the enable bits are set to “1”, Alarm1
triggers once per second. Note that there is no alarm byte for
month and year.
The Alarm1 function works as a comparison between the
Alarm1 registers and the RTC registers. As the RTC advances,
Alarm1 is triggered when a match occurs between the Alarm1
registers and the RTC registers. Any one Alarm1 register,
multiple registers, or all registers can be enabled for a match.
To clear Alarm1, the A1F status bit must be set to “0” with a
write.
TABLE 2. INTERRUPT CONTROL REGISTER (INT)
ADDR
7
6
5
43210
0Eh
EOSC
0
0
RS2
RS1
INTCN
A2IE
A1IE
Default
0
0
0
11000
TABLE 3. FREQUENCY SELECTION OF
FOUT PIN
FREQUENCY
FOUT (Hz)
RS2
RS1
COMMENT
32768
1
1
Free-running crystal clock
8192
1
0
Free-running crystal clock
4096
0
1
Free-running crystal clock
1
0
0
Sync at RTC write
TABLE 4. ALARM INTERRUPT SELECTION WITH INTCN, A2IE
AND A1IE BITS
INTCN
A2IE
A1IE
IRQ1/FOUT
IRQ2
00
0
FOUT
HIGH
00
1
FOUT
A1F
01
0
FOUT
A2F
01
1
FOUT
A1F or A2F
1
0
0
HIGH
HIGH
10
1
HIGH
A1F
11
0
A2F
HIGH
1
1
1
A2F
A1F
TABLE 5. STATUS REGISTER (SR)
ADDR
7
6
5
4
3
2
1
0
0Fh
OSF
0
0
0
0
0
A2F
A1F
Default
1
0
0
0
0
0
0
0
TABLE 6. ALARM1 INTERRUPT WITH ENABLE BITS
SELECTION
A1DW/DT A1M1 A1M2 A1M3 A1M4
ALARM1 INTERRUPT
X
1111
Every Second
X
0111
Match Second
X
1011
Match Minute


同様の部品番号 - ISL12057EVALZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
ISL12057 INTERSIL-ISL12057 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12057 INTERSIL-ISL12057 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12057IBZ INTERSIL-ISL12057IBZ Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
ISL12057IBZ-T INTERSIL-ISL12057IBZ-T Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
More results

同様の説明 - ISL12057EVALZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
logo
NXP Semiconductors
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com