データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12057EVALZ データシート(PDF) 11 Page - Renesas Technology Corp

部品番号 ISL12057EVALZ
部品情報  Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12057EVALZ データシート(HTML) 11 Page - Renesas Technology Corp

Back Button ISL12057EVALZ Datasheet HTML 7Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 8Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 9Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 10Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 11Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 12Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 13Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 14Page - Renesas Technology Corp ISL12057EVALZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL12057
FN6755 Rev 2.00
Page 11 of 18
Sep 25, 2015
NOTE: “X” is “Don’t care”; it can be set to 0 or 1.
Following is example of an Alarm1 Interrupt
: a single alarm will
occur on Monday at 11:30 a.m. (Monday is when DW = 2). Set
the Alarm1 registers as follows:
After these registers are set, an alarm is generated when the
RTC advances to exactly 11:30 a.m. on January 1 (after
seconds changes from 59 to 00) by setting the A1F bit in the
status register to “1”.
Alarm2 Registers
Addresses [Address 12h to 14h]
The Alarm2 register bytes are set up identically to the RTC
register bytes except that the MSB of each byte functions as
an enable bit (enable = “0”). These enable bits specify which
alarm registers (minutes, hour, and date/day) are used to make
the comparison. When all the enable bits are set to “1”, Alarm2
will trigger once per minute. Note that there are no alarm bytes
for seconds, month, and year.
The Alarm2 function works as a comparison between the
Alarm2 registers and the RTC registers. As the RTC advances,
Alarm2 is triggered when a match occurs between the Alarm2
registers and the RTC registers. Any one Alarm2 register,
multiple registers, or all registers can be enabled for a match.
To clear Alarm2, the A2F status bit must be set to “0” with a
write.
NOTE: “X” is “Don’t care”; it can be set to 0 or 1.
Following is example of Alarm2 Interrupt
: a single alarm will
occur on the first day of every month at 20:00 military time. Set
the Alarm2 registers as follows:
After these registers are set, an alarm is generated when the
RTC advances to exactly 20:00 on Monday (after minutes
changes from 59 to 00) by setting the A2F bit in the status
register to “1”.
I2C Serial Interface
The ISL12057 supports a bi-directional, bus-oriented protocol.
The protocol defines any device that sends data onto the bus
as a transmitter and the receiving device as the receiver. The
X
(see Note)
1101
Match Hour
0
1110
Match Date
1
1110
Match Day
0
0011
Match Second and Minute
0
0101
Match Second and Hour
0
0000
Match Second, Minute
and Hour
.
.
.
.
.
.
.
.
.
.
.
.
0
1000
Match Minute Hour and
Date
0
0000
Match Second, Minute
Hour and Date
.
.
.
.
.
.
.
.
.
.
.
.
1
1000
Match Minute, Hour, and
Day
1
0000
Match Second, Minute,
Hour, and Day
ALARM1
REGISTER
BIT
DESCRIPTION
76 543210 HEX
A1SC
10 000000
80h Seconds disabled
A1MN
00 110000
30h Minutes set to 30,
enabled
A1HR
01 010001
51h Hours set to 11am,
enabled
A1DW/DT 01 000010
42h Day set to 1,
enabled
TABLE 6. ALARM1 INTERRUPT WITH ENABLE BITS
SELECTION (Continued)
A1DW/DT A1M1 A1M2 A1M3 A1M4
ALARM1 INTERRUPT
TABLE 7. ALARM2 INTERRUPT WITH ENABLE BITS
SELECTION
A2DW/DT A2M2 A2M3 A2M4
ALARM2 INTERRUPT
X
(see Note)
1
1
1
Every Minute (Second=00)
X
0
1
1
Match Minute
X
1
0
1
Match Hour
0
1
1
0
Match Date
11
1
0
Match Day
X
0
0
1
Match Minute and Hour
0
1
0
0
Match Hour and Date
0
0
1
0
Match Minute and Date
0
0
0
0
Match Minute, Hour, and Date
1
0
1
0
Match Minute and Day
1
1
0
0
Match Hour and Day
1
0
0
0
Match Minute, Hour, and Day
ALARM2
REGISTER
BIT
DESCRIPTION
7 6543210 HEX
A2MN
1 0000000
80h Minutes disabled
A2HR
0 0100000
20h Hours set to 20,
enabled
A2DW/DT 0 0000001
01h Date set to 1st,
enabled


同様の部品番号 - ISL12057EVALZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
ISL12057 INTERSIL-ISL12057 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12057 INTERSIL-ISL12057 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12057IBZ INTERSIL-ISL12057IBZ Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
ISL12057IBZ-T INTERSIL-ISL12057IBZ-T Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
More results

同様の説明 - ISL12057EVALZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
logo
NXP Semiconductors
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com