データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N1183 データシート(PDF) 1 Page - GeneSiC Semiconductor, Inc.

部品番号 1N1183
部品情報  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENESIC [GeneSiC Semiconductor, Inc.]
ホームページ  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

1N1183 データシート(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  1N1183_16 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N1183_16 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N1183_16 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 300 V
IF = 35 A
Features
• High Surge Capability
DO-5 Package
• Types from 50 to 300 V VRRM
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
1N1183 (R) 1N1184 (R)
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
2. Reverse polarity (R): Stud is anode.
1N1183 thru 1N1187R
1N1187 (R)
200
1N1186 (R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified
Silicon Standard
Recovery Diode
Conditions
300
pp
g
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Continuous forward current
IF
35
35
A
Operating temperature
Tj
-55 to 150 -55 to 150
°C
Storage temperature
Tstg
-55 to 150 -55 to 150
°C
Parameter
Symbol
1N1183 (R) 1N1184 (R)
Unit
Diode forward voltage
1.2
1.2
10
10
μA
10
10
mA
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.25
0.25
°C/W
10
A
595
Reverse current
IR
VF
595
-55 to 150
1N1187 (R)
10
10
VR = 50 V, Tj = 25 °C
IF = 35 A, Tj = 25 °C
TC ≤ 140 °C
Conditions
140
595
595
-55 to 150
35
35
0.25
1.2
1.2
10
IF,SM
1N1186 (R)
0.25
VR = 50 V, Tj = 140 °C
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
-55 to 150
-55 to 150
TC = 25 °C, tp = 8.3 ms
210
300
200
Surge non-repetitive forward
current, Half Sine Wave
Feb 2016
Latest version of this datasheet at: www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


同様の部品番号 - 1N1183_16

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
logo
GeneSiC Semiconductor, ...
1N1183 GENESIC-1N1183_18 Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
More results

同様の説明 - 1N1183_16

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
GKN7104 GENESIC-GKN7104 Datasheet
568Kb / 3P
   Silicon Standard Recovery Diode
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85K GENESIC-S85K Datasheet
590Kb / 3P
   Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com