データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLS202B1MBV50 データシート(PDF) 5 Page - Infineon Technologies AG

部品番号 TLS202B1MBV50
部品情報  Fixed Linear Voltage Post Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS202B1MBV50 データシート(HTML) 5 Page - Infineon Technologies AG

  TLS202B1MBV50 Datasheet HTML 1Page - Infineon Technologies AG TLS202B1MBV50 Datasheet HTML 2Page - Infineon Technologies AG TLS202B1MBV50 Datasheet HTML 3Page - Infineon Technologies AG TLS202B1MBV50 Datasheet HTML 4Page - Infineon Technologies AG TLS202B1MBV50 Datasheet HTML 5Page - Infineon Technologies AG TLS202B1MBV50 Datasheet HTML 6Page - Infineon Technologies AG TLS202B1MBV50 Datasheet HTML 7Page - Infineon Technologies AG TLS202B1MBV50 Datasheet HTML 8Page - Infineon Technologies AG TLS202B1MBV50 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
5
Rev.1.0
2017-05-31
TLS202B1V50
Fixed Linear Voltage Post Regulator
Pin Configuration
2
Pin Configuration
2.1
Pin Assignment PG-SCT595
Figure 2
Pin Configuration Package PG-SCT595-5
2.2
Pin Definitions and Functions
Pin Symbol Function
1I
Input.
IC supply. For compensating line influences, a capacitor of 220 nF close to the IC pin is
recommended.
2GND
Ground Reference.
Internally connected to Pin 5. Connect to heatsink area.
For thermal reasons both ground Pins 2 and 5 have to be soldered.
3Q
Output.
Block to GND with a capacitor close to the IC terminals, respecting capacitance and ESR
requirements given in the “Functional Range” on Page 6”.
4EN
Enable.
A low signal disables the IC. A high signal switches it on.
Connect to the input I, if the enable functionality is not required.
5GND
Ground Reference.
Internally connected to Pin 2. Connect to heatsink area.
For thermal reasons both ground Pins 2 and 5 have to be soldered.
SCT595.vsd
12
3
4
5


同様の部品番号 - TLS202B1MBV50

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
   Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
More results

同様の説明 - TLS202B1MBV50

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
   Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS202A1 INFINEON-TLS202A1 Datasheet
922Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com