データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLS810B1EJV33 データシート(PDF) 7 Page - Infineon Technologies AG

部品番号 TLS810B1EJV33
部品情報  Ultra Low Quiescent Current Linear Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810B1EJV33 データシート(HTML) 7 Page - Infineon Technologies AG

Back Button TLS810B1EJV33 Datasheet HTML 3Page - Infineon Technologies AG TLS810B1EJV33 Datasheet HTML 4Page - Infineon Technologies AG TLS810B1EJV33 Datasheet HTML 5Page - Infineon Technologies AG TLS810B1EJV33 Datasheet HTML 6Page - Infineon Technologies AG TLS810B1EJV33 Datasheet HTML 7Page - Infineon Technologies AG TLS810B1EJV33 Datasheet HTML 8Page - Infineon Technologies AG TLS810B1EJV33 Datasheet HTML 9Page - Infineon Technologies AG TLS810B1EJV33 Datasheet HTML 10Page - Infineon Technologies AG TLS810B1EJV33 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Data Sheet
7
Rev. 1.2
2016-12-20
TLS810B1xxV33
Ultra Low Quiescent Current Linear Voltage Regulator
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Table 1
Absolute Maximum Ratings1)
Tj = -40°C to +150°C; all voltages with respect to ground (unless otherwise specified)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Voltage Input I, Enable EN
Voltage
VI, VEN
-0.3
45
V
P_4.1.1
Voltage Output Q
Voltage
VQ
-0.3
7
V
P_4.1.2
Temperatures
Junction Temperature
Tj
-40
150
°C
P_4.1.3
Storage Temperature
Tstg
-55
150
°C
P_4.1.4
ESD Absorption
ESD Susceptibility to GND
VESD,HBM -2
2
kV
HBM2)
2) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS001 (1.5 kΩ, 100 pF)
P_4.1.5
ESD Susceptibility to GND
VESD,CDM -750
750
V
CDM3) at all pins
3) ESD susceptibility, Charged Device Model “CDM” according JEDEC JESD22-C101
P_4.1.6


同様の部品番号 - TLS810B1EJV33

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLS810B1EJV33 INFINEON-TLS810B1EJV33 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results

同様の説明 - TLS810B1EJV33

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
TLS810A1LDV50 INFINEON-TLS810A1LDV50 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-15
TLS810B1EJV33 INFINEON-TLS810B1EJV33 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com