データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLS850D0TEV50 データシート(PDF) 8 Page - Infineon Technologies AG

部品番号 TLS850D0TEV50
部品情報  Low Dropout Linear Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS850D0TEV50 データシート(HTML) 8 Page - Infineon Technologies AG

Back Button TLS850D0TEV50 Datasheet HTML 4Page - Infineon Technologies AG TLS850D0TEV50 Datasheet HTML 5Page - Infineon Technologies AG TLS850D0TEV50 Datasheet HTML 6Page - Infineon Technologies AG TLS850D0TEV50 Datasheet HTML 7Page - Infineon Technologies AG TLS850D0TEV50 Datasheet HTML 8Page - Infineon Technologies AG TLS850D0TEV50 Datasheet HTML 9Page - Infineon Technologies AG TLS850D0TEV50 Datasheet HTML 10Page - Infineon Technologies AG TLS850D0TEV50 Datasheet HTML 11Page - Infineon Technologies AG TLS850D0TEV50 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
8
Rev. 1.0, 2016-10-07
TLS850D0TE
General Product Characteristics
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
Table 2
Functional Range
T
j = -40 °C to +150 °C; all voltages with respect to ground (unless otherwise specified)
Parameter
Symbol
Values
Unit Note /
Test Condition
Number
Min.
Typ.
Max.
Input Voltage Range
V
I
V
Q,nom + Vdr –40
V
1)
1) Output current is limited internaly and depends on the input voltage, see Electrical Characteristics for more details.
P_4.2.1
Extended Input Voltage Range
V
I,ext
3.0
40
V
2)
2) When
V
I is between VI,ext,min and VQ,nom + Vdr, VQ = VI - Vdr. When VI is below VI,ext,min, VQ can drop down to 0 V.
P_4.2.3
Enable Voltage Range
V
EN
0–
40
V
P_4.2.5
Output Capacitor’s
Requirements for Stability
C
Q
1–
µF
3)4)
3) Not subject to production test, specified by design.
4) The minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
P_4.2.6
ESR
ESR(C
Q)
––
100
3) –
P_4.2.7
Junction Temperature
T
j
-40
150
°C
P_4.2.9


同様の部品番号 - TLS850D0TEV50

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLS850D0TA INFINEON-TLS850D0TA Datasheet
1Mb / 31P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-12-01
TLS850D0TAV33 INFINEON-TLS850D0TAV33 Datasheet
1Mb / 31P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-12-01
TLS850D0TAV50 INFINEON-TLS850D0TAV50 Datasheet
1Mb / 31P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-12-01
More results

同様の説明 - TLS850D0TEV50

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com