データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLT807B0EPV データシート(PDF) 5 Page - Infineon Technologies AG

部品番号 TLT807B0EPV
部品情報  Low dropout adjustable standby voltage regulator for truck applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLT807B0EPV データシート(HTML) 5 Page - Infineon Technologies AG

  TLT807B0EPV Datasheet HTML 1Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 2Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 3Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 4Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 5Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 6Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 7Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 8Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
5
Rev. 1.00
2017-05-09
TLT807B0EPV
Low dropout adjustable standby voltage regulator for truck applications
General product characteristics
4
General product characteristics
4.1
Absolute maximum ratings
Note:
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Table 1
Absolute maximum ratings1)
Tj = -40°C to 150°C; all voltages with respect to ground (unless otherwise specified)
1) Not subject to production test, specified by design
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min. Typ. Max.
Input I, Enable EN
Voltage
VI, VEN
-42 –
45
V
P_4.1.1
Voltage
VI, VEN
-42 –
58
V
t < 400 ms
P_4.1.2
Output Q
Voltage
VQ
-0.3 –
36
V
P_4.1.3
Adjust ADJ
Voltage
VADJ
-0.3 –
16
V
P_4.1.4
Temperature
Junction temperature
Tj
-40 –
150 °C
P_4.1.5
Storage temperature
Tstg
-55 –
150 °C
P_4.1.6
ESD susceptibility
ESD susceptibility to GND
VESD,HBM -2
2
kV
Human Body Model (HBM)2)
2) ESD susceptibility Human Body Model “HBM” according to AEC-Q100-002 - JESD22-A114
P_4.1.7
ESD susceptibility to GND
VESD,CDM -750 –
750 V
Charged Device Model
(CDM)3) at all pins
3) ESD susceptibility Charged Device Model “CDM” according to ESDA STM5.3.1
P_4.1.8


同様の部品番号 - TLT807B0EPV

メーカー部品番号データシート部品情報
logo
Teledyne Technologies I...
TLT-13-6013 TELEDYNE-TLT-13-6013 Datasheet
893Kb / 2P
   Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
TLT-13-6014 TELEDYNE-TLT-13-6014 Datasheet
891Kb / 2P
   Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
TLT-13-6015 TELEDYNE-TLT-13-6015 Datasheet
891Kb / 2P
   Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
TLT-13-6016 TELEDYNE-TLT-13-6016 Datasheet
891Kb / 2P
   Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
TLT-18-2002 TELEDYNE-TLT-18-2002 Datasheet
889Kb / 2P
   Temperature Compensated Amplifier 2 GHz - 18 GHz
More results

同様の説明 - TLT807B0EPV

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM2887 NJRC-NJM2887 Datasheet
117Kb / 5P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2387 NJRC-NJM2387 Datasheet
174Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2397 NJRC-NJM2397 Datasheet
117Kb / 5P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
   3.0A Low Dropout Voltage Regulator Adjustable
logo
E-Tech Electronics LTD
G5JLM2931 ETL-G5JLM2931 Datasheet
483Kb / 4P
   100mA Low Dropout Adjustable Voltage Regulator
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
E-Tech Electronics LTD
GSCLM2931 ETL-GSCLM2931 Datasheet
500Kb / 4P
   100mA Low Dropout Adjustable Voltage Regulator
logo
GTM CORPORATION
GSCLM2931 GTM-GSCLM2931 Datasheet
498Kb / 4P
   100mA Low Dropout Adjustable Voltage Regulator
logo
International Rectifier
OM186STM IRF-OM186STM Datasheet
277Kb / 5P
   Adjustable Low Dropout Positive Voltage Regulator
logo
GTM CORPORATION
G5JLM2931 GTM-G5JLM2931 Datasheet
481Kb / 4P
   100mA Low Dropout Adjustable Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com