データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLT807B0EPV データシート(PDF) 10 Page - Infineon Technologies AG

部品番号 TLT807B0EPV
部品情報  Low dropout adjustable standby voltage regulator for truck applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLT807B0EPV データシート(HTML) 10 Page - Infineon Technologies AG

Back Button TLT807B0EPV Datasheet HTML 6Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 7Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 8Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 9Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 10Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 11Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 12Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 13Page - Infineon Technologies AG TLT807B0EPV Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet
10
Rev. 1.00
2017-05-09
TLT807B0EPV
Low dropout adjustable standby voltage regulator for truck applications
Block description and electrical characteristics
Load regulation ΔVQ,load versus
Output current change IQ
Output capacitor series resistor ESR(CQ) versus
Output current IQ
Power Supply Ripple Rejection PSRR versus
ripple frequency fr
Drop voltage Vdr versus
Output current IQ
0
10
20
30
40
50
60
70
−10
−8
−6
−4
−2
0
2
I
Q
[mA]
V
I
= 6 V
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C
0
10
20
30
40
50
60
70
10
−1
10
0
10
1
I
Q
[mA]
C
Q
= 1
μF
V
I
= 6...42 V
−40
°C ≤ T ≤ 150°C
Stable Region
Unstable Region
10
−2
10
−1
10
0
10
1
10
2
10
3
0
10
20
30
40
50
60
70
80
90
100
f [kHz]
I
Q
= 10 mA
C
Q
= 1
μF
V
I
= 28 V
V
ripple
= 0.5 Vpp
T
j
= 25
°C
V
Q,nom
= 5 V
0
10
20
30
40
50
60
70
0
100
200
300
400
500
600
I
Q
[mA]
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C


同様の部品番号 - TLT807B0EPV

メーカー部品番号データシート部品情報
logo
Teledyne Technologies I...
TLT-13-6013 TELEDYNE-TLT-13-6013 Datasheet
893Kb / 2P
   Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
TLT-13-6014 TELEDYNE-TLT-13-6014 Datasheet
891Kb / 2P
   Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
TLT-13-6015 TELEDYNE-TLT-13-6015 Datasheet
891Kb / 2P
   Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
TLT-13-6016 TELEDYNE-TLT-13-6016 Datasheet
891Kb / 2P
   Temperature Compensated Low Noise Amplifier 6 GHz - 13 GHz
TLT-18-2002 TELEDYNE-TLT-18-2002 Datasheet
889Kb / 2P
   Temperature Compensated Amplifier 2 GHz - 18 GHz
More results

同様の説明 - TLT807B0EPV

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM2887 NJRC-NJM2887 Datasheet
117Kb / 5P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2387 NJRC-NJM2387 Datasheet
174Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2397 NJRC-NJM2397 Datasheet
117Kb / 5P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
   3.0A Low Dropout Voltage Regulator Adjustable
logo
E-Tech Electronics LTD
G5JLM2931 ETL-G5JLM2931 Datasheet
483Kb / 4P
   100mA Low Dropout Adjustable Voltage Regulator
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
E-Tech Electronics LTD
GSCLM2931 ETL-GSCLM2931 Datasheet
500Kb / 4P
   100mA Low Dropout Adjustable Voltage Regulator
logo
GTM CORPORATION
GSCLM2931 GTM-GSCLM2931 Datasheet
498Kb / 4P
   100mA Low Dropout Adjustable Voltage Regulator
logo
International Rectifier
OM186STM IRF-OM186STM Datasheet
277Kb / 5P
   Adjustable Low Dropout Positive Voltage Regulator
logo
GTM CORPORATION
G5JLM2931 GTM-G5JLM2931 Datasheet
481Kb / 4P
   100mA Low Dropout Adjustable Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com