データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-Y202-XXXXX データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-Y202-XXXXX
部品情報  3mm Yellow GaAsP/GaP LED Lamps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-Y202-XXXXX データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-Y202-XXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y202-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Avago Technologies
- 1 -
Description
The following cumulative test results have been obtained from testing performed at Avago Technologies in accordance with JEDEC
standards.
Avago tests parts at the absolute maximum rated conditions recommended for the device. The actual performance you obtain
from Avago parts depends on the electrical and environmental characteristics of your application but will probably be better than
the performance outlined in Table 1.
DISCLAIMER: Avago’s products and software are not specifically designed, manufactured, or authorized for sale as parts, components, or
assemblies for the planning, construction, maintenance, or direct operation of a nuclear facility or for use in medical devices or
applications. The customer is solely responsible, and waives all rights to make claims against Avago or its suppliers, for all loss, damage,
expense, or liability in connection with such use.
Table 1 Reliability Tests
Test Name
Reference
Test Conditions
Units Tested
Units
Faileda
a.
A failure is any LED that is open, shorted or fails to emit light (except solderability test).
Temperature Cycle
JESD22-A104
–40 °C/100 °C, 15 min dwell, 5 min transfer, 100 cycles
336
0
High Temperature Operating Life
JESD22-A108
55 °C, 20 mA for 1000 hours
112
0
High Temperature Humidity
Operating Life
JESD22-A101
85 °C, 85%RH, 8mA for 1000 hours
112
0
High Temperature Humidity Storage
Life
Avago Req.
85 °C, 85%RH for 1000 hours
112
0
Resistance to Solder heat
JESD22-B106.
260 °C for 10 seconds
30
0
Solderability
JESD22-B102
245 °C for 5 seconds
30
0
HLMP-Y202-xxxxx
3mm Yellow GaAsP/GaP LED Lamps
Reliability Datasheet


同様の部品番号 - HLMP-Y202-XXXXX

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-Y202-XXXXX BOARDCOM-HLMP-Y202-XXXXX Datasheet
147Kb / 2P
   3mm Yellow GaAsP/GaP LED Lamps
More results

同様の説明 - HLMP-Y202-XXXXX

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-Y202-XXXXX BOARDCOM-HLMP-Y202-XXXXX Datasheet
147Kb / 2P
   3mm Yellow GaAsP/GaP LED Lamps
logo
BRIGHT LED ELECTRONICS ...
BL-B3337M BRIGHT-BL-B3337M Datasheet
130Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3134G-1 BRIGHT-BL-B3134G-1 Datasheet
147Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3139 BRIGHT-BL-B3139 Datasheet
159Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3141Q BRIGHT-BL-B3141Q Datasheet
134Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3334A BRIGHT-BL-B3334A Datasheet
139Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-C3336M BRIGHT-BL-C3336M Datasheet
131Kb / 2P
   LED GaAsP/GaP Yellow Low power consumption.
BL-B3134J BRIGHT-BL-B3134J Datasheet
128Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3433N BRIGHT-BL-B3433N Datasheet
151Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-C3131A BRIGHT-BL-C3131A Datasheet
129Kb / 2P
   LED GaAsP/GaP Yellow Low power consumption.
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com