データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1902 データシート(PDF) 11 Page - Renesas Technology Corp

部品番号 ISL1902
部品情報  Full-Featured, Dimmable AC Mains LED Driver with PFC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1902 データシート(HTML) 11 Page - Renesas Technology Corp

Back Button ISL1902 Datasheet HTML 7Page - Renesas Technology Corp ISL1902 Datasheet HTML 8Page - Renesas Technology Corp ISL1902 Datasheet HTML 9Page - Renesas Technology Corp ISL1902 Datasheet HTML 10Page - Renesas Technology Corp ISL1902 Datasheet HTML 11Page - Renesas Technology Corp ISL1902 Datasheet HTML 12Page - Renesas Technology Corp ISL1902 Datasheet HTML 13Page - Renesas Technology Corp ISL1902 Datasheet HTML 14Page - Renesas Technology Corp ISL1902 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ISL1902
FN7981 Rev 2.00
Page 11 of 25
March 20, 2013
Operating Range (Excluding Offset)
00.5
V
Threshold Hysteresis
48
62
76
mV
Threshold Offset
78
104
129
mV
AC Dropout Disable Delay
32
ms
PRELOAD VOH
ILOAD = 0mA
VREF
V
PRELOAD VOL
ILOAD = 1mA
1.00
V
OUT
High Level Output Voltage (VOH)
VOUT at 0mA - VOUT at -100mA,
VDD = 8V operating
0.35
1.2
V
Low Level Output Voltage (VOL)
VOUT at 100mA,
VDD = 8V operating
0.7
1.2
V
Rise Time
CLOAD = 2.2nF, VDD = 8V,
t90% - t10%
35
55
ns
Fall Time
CLOAD = 2.2nF, VDD = 8V,
t10% - t90%
20
40
ns
Output Clamp Voltage
VDD = 20V, ILOAD = -10µA
10.5
12.0
13.4
V
Unbiased Output Voltage Clamp
VDD = 6V, ILOAD = 5mA
1.9
V
PWMOUT
High Level Output Voltage (VOH)
VOUT at 0mA - VOUT at -10mA,
VDD = 8V operating
0.8
1.2
V
Low Level Output Voltage (VOL)
VOUT at 10mA,
VDD = 8V operating
0.8
1.2
V
Rise Time
CLOAD = 1nF, VDD = 8V operating,
t90% - t10%
130
240
ns
Fall Time
CLOAD = 1nF, VDD = 8V operating,
t10% - t90%
130
240
ns
Output Voltage Clamp
VDD = 20V, ILOAD = -10µA
10.5
12.0
13.4
V
Unbiased Output Voltage Clamp
VDD = 6V, ILOAD = 3mA
1.9
V
Frequency
291
320
349
Hz
Maximum Duty Cycle
REFIN = 0.5V
100
%
Minimum On-Time
REFIN = 0V
80
µs
OVP
OVP Threshold
1.46
1.50
1.54
V
OVP Hysteresis
15
20
25
µA
Input Bias Current
OVP = 1.0V
-1.0
1.0
µA
OVP Clamp Voltage
IOVP = 5mA
5.4
7.0
V
THERMAL PROTECTION
Thermal Shutdown
(Note 8)
150
160
170
°C
Hysteresis
(Note 8)
25
°C
NOTES:
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
8. Limits established by characterization and are not production tested.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to the Block Diagram on page 4 and
Typical Application schematics starting on page 5. VDD = 17V, RRAMP = 54k, CRAMP = 470pF, TA = -40°C to +125°C, Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS


同様の部品番号 - ISL1902

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
ISL1902FAZ INTERSIL-ISL1902FAZ Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
More results

同様の説明 - ISL1902

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
logo
Bright Power Semiconduc...
BP5132HC BPS-BP5132HC Datasheet
494Kb / 2P
   Mains Dimmable Liner LED Driver
BP5152HC BPS-BP5152HC Datasheet
497Kb / 2P
   Mains Dimmable Liner LED Driver
logo
Intersil Corporation
ISL1903 INTERSIL-ISL1903 Datasheet
573Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
NXP Semiconductors
AN10952 PHILIPS-AN10952_15 Datasheet
265Kb / 40P
   SSL2103 flexible, mains-dimmable LED driver
Rev. 1-24 December 2010
AN10754 PHILIPS-AN10754_15 Datasheet
214Kb / 37P
   SSL2101 and SSL2102 dimmable mains LED driver
Rev. 4.1-5 November 2012
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com