データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL2111BR4Z データシート(PDF) 5 Page - Renesas Technology Corp

部品番号 ISL2111BR4Z
部品情報  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL2111BR4Z データシート(HTML) 5 Page - Renesas Technology Corp

  ISL2111BR4Z Datasheet HTML 1Page - Renesas Technology Corp ISL2111BR4Z Datasheet HTML 2Page - Renesas Technology Corp ISL2111BR4Z Datasheet HTML 3Page - Renesas Technology Corp ISL2111BR4Z Datasheet HTML 4Page - Renesas Technology Corp ISL2111BR4Z Datasheet HTML 5Page - Renesas Technology Corp ISL2111BR4Z Datasheet HTML 6Page - Renesas Technology Corp ISL2111BR4Z Datasheet HTML 7Page - Renesas Technology Corp ISL2111BR4Z Datasheet HTML 8Page - Renesas Technology Corp ISL2111BR4Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ISL2110, ISL2111
FN6295 Rev.7.00
Page 5 of 15
Mar 16, 2017
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD, VHB - VHS (Notes 5, 6) . . . . . . . . . . . . . . . 0.3V to 18V
LI and HI Voltages (Note 6) . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Voltage on LO (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Voltage on HO (Note 6) . . . . . . . . . . . . . . . . . . . . . .VHS - 0.3V to VHB + 0.3V
Voltage on HS (Continuous) (Note 6) . . . . . . . . . . . . . . . . . . . . . -1V to 110V
Voltage on HB (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118V
Average Current in VDD to HB Diode . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Maximum Recommended Operating
Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V to 14V
Voltage on HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 100V
Voltage on HS . . . . . . . . . . . . . . . . . . . . . .(Repetitive Transient) -5V to 105V
Voltage on HB . . . . . . . . . . .VHS+7V to VHS+14V and VDD - 1V to VDD+100V
HS Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <50V/ns
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
8 Ld SOIC (Notes 7, 10) . . . . . . . . . . . . . . . .
95
46
10 Ld TDFN (Notes 8, 9) . . . . . . . . . . . . . . .
40
2.5
12 Ld DFN (Notes 8, 9) . . . . . . . . . . . . . . . .
39
2.5
8 Ld DFN (Notes 8, 9). . . . . . . . . . . . . . . . . .
40
4.0
Max Power Dissipation at +25°C in Free Air
8 Ld SOIC (Notes 7, 10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3W
10 Ld TDFN (Notes 8, 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0W
12 Ld DFN (Notes 8, 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1W
8 Ld DFN (Notes 8, 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1W
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
5. The ISL2110 and ISL2111 are capable of derated operation at supply voltages exceeding 14V. Figure 24 shows the high-side voltage derating curve
for this mode of operation.
6. All voltages referenced to VSS unless otherwise specified.
7.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
8.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
9. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
10. For
JC, the “case temp” location is taken at the package top center.
Electrical Specifications VDD = VHB = 12V, VSS = VHS = 0V, no load on LO or HO, unless otherwise specified.
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNIT
MIN
(Note 11)TYP
MAX
(Note 11)
MIN
(Note 11)
MAX
(Note 11)
SUPPLY CURRENTS
VDD Quiescent Current
IDD
ISL2110; LI = HI = 0V
-
0.10
0.25
-
0.30
mA
VDD Quiescent Current
IDD
ISL2111; LI = HI = 0V
-
0.30
0.45
-
0.55
mA
VDD Operating Current
IDDO
ISL2110; f = 500kHz
-
3.4
5.0
-
5.5
mA
VDD Operating Current
IDDO
ISL2111; f = 500kHz
-
3.5
5.0
-
5.5
mA
Total HB Quiescent Current
IHB
LI = HI = 0V
-
0.10
0.15
-
0.20
mA
Total HB Operating Current
IHBO
f = 500kHz
-
3.4
5.0
-
5.5
mA
HB to VSS Current, Quiescent
IHBS
LI = HI = 0V; VHB = VHS = 114V
-
0.05
1.50
-
10
µA
HB to VSS Current, Operating
IHBSO
f = 500kHz; VHB = VHS = 114V
-
1.2
-
-
-
mA
INPUT PINS
Low Level Input Voltage Threshold
VIL
ISL2110
3.7
4.4
-
3.5
-
V
Low Level Input Voltage Threshold
VIL
ISL2111
1.4
1.8
-
1.2
-
V
High Level Input Voltage Threshold
VIH
ISL2110
-
6.6
7.4
-
7.6
V
High Level Input Voltage Threshold
VIH
ISL2111
-
1.8
2.2
-
2.4
V
Input Voltage Hysteresis
VIHYS
ISL2110
-
2.2
-
-
-
V
Input Pull-Down Resistance
RI
-
210
-
100
500


同様の部品番号 - ISL2111BR4Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL2111BR4Z INTERSIL-ISL2111BR4Z Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL2111BR4Z INTERSIL-ISL2111BR4Z Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
More results

同様の説明 - ISL2111BR4Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com