データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7458DP データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI7458DP
部品情報  N-Channel 20-V (D-S) Fast Switching MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7458DP データシート(HTML) 2 Page - Vishay Siliconix

  SI7458DP Datasheet HTML 1Page - Vishay Siliconix SI7458DP Datasheet HTML 2Page - Vishay Siliconix SI7458DP Datasheet HTML 3Page - Vishay Siliconix SI7458DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si7458DP
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71821
S-20012—Rev. A, 04-Mar-02
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
1.4
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
VDS = 16 V, VGS = 0 V
1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V, TJ = 85_C
20
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 4.5 V
50
A
a
VGS = 4.5 V, ID = 22 A
0.0035
0.0045
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 19 A
0.006
0.0075
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 22 A
90
S
Diode Forward Voltagea
VSD
IS = 3 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
38
50
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 21 A
8
nC
Gate-Drain Charge
Qgd
8.5
Gate-Resistance
RG
0.9
W
Turn-On Delay Time
td(on)
22
35
Rise Time
tr
VDD = 10 V, RL = 10 W
22
35
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
125
190
ns
Fall Time
tf
60
90
Source-Drain Reverse Recovery Time
trr
IF = 3 A, di/dt = 100 A/ms
60
90
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
012345
VGS = 4.5 thru 2.5 V
25
_C
TC = 125_C
2 V
–55
_C
1.5 V
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)


同様の部品番号 - SI7458DP

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7450DP VISHAY-SI7450DP Datasheet
198Kb / 4P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 13-Feb-06
SI7450DP VISHAY-SI7450DP Datasheet
162Kb / 7P
   N-Channel 200 V (D-S) MOSFET
Rev. F, 11-Feb-13
SI7450DP VISHAY-SI7450DP Datasheet
46Kb / 4P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 16-Apr-01
SI7450DP-T1-E3 VISHAY-SI7450DP-T1-E3 Datasheet
162Kb / 7P
   N-Channel 200 V (D-S) MOSFET
Rev. F, 11-Feb-13
SI7450DP-T1-E3 VISHAY-SI7450DP-T1-E3 Datasheet
390Kb / 12P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI7458DP

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7110DN VISHAY-SI7110DN Datasheet
534Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7448DP VISHAY-SI7448DP Datasheet
42Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SISH106DN VISHAY-SISH106DN Datasheet
189Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7106DN VISHAY-SI7106DN_V01 Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
18-Jul-08
SI7106DN VISHAY-SI7106DN Datasheet
82Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 30-Jun-08
SI7108DN-T1-E3 VISHAY-SI7108DN-T1-E3 Datasheet
536Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7108DN VISHAY-SI7108DN_V01 Datasheet
531Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7110DN VISHAY-SI7110DN_V01 Datasheet
533Kb / 12P
   N-Channel 20-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7448DP VISHAY-SI7448DP_V01 Datasheet
216Kb / 8P
   N-Channel 20 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7108DN VISHAY-SI7108DN Datasheet
107Kb / 6P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com