データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC58FVB641FT-70 データシート(PDF) 10 Page - Toshiba Semiconductor

部品番号 TC58FVB641FT-70
部品情報  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVB641FT-70 データシート(HTML) 10 Page - Toshiba Semiconductor

Back Button TC58FVB641FT-70 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVB641FT-70 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVB641FT-70 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVB641FT-70 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVB641FT-70 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVB641FT-70 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVB641FT-70 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVB641FT-70 Datasheet HTML 13Page - Toshiba Semiconductor TC58FVB641FT-70 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2002-10-24
10/53
Program Suspend/Resume Mode
Program Suspend is used to enable Data Read by suspending the Write operation. The device accepts a
Program Suspend command in Write Mode (including Write operations performed during Erase Suspend) but
ignores the command in other modes. When the command is input, the address of the bank on which Write is
being performed must be specified. After input of the command, the device will enter Program Suspend Read
Mode after tSUSP.
During Program Suspend, Cell Data Read, ID Read and CFI Data Read can be performed. When Data Write
is suspended, the address to which Write was being performed becomes undefined. ID Read and CFI Data Read
are the same as usual.
After completion of Program Suspend input a Program Resume command to return to Write Mode. When
inputting the command, specify the address of the bank on which Write is being performed. If the ID Read or
CFI Data Read functions is being used, abort the function before inputting the Resume command. On receiving
the Resume command, the device returns to Write Mode and resumes outputting the Hardware Sequence flag
for the bank to which data is being written.
Program Suspend can be run in Fast Program Mode or Acceleration Mode. However, note that when running
Program Suspend in Acceleration Mode, VACC must not be released.
Auto Chip Erase Mode
The Auto Chip Erase Mode is set using the Chip Erase command. An Auto Chip Erase operation starts on the
rising edge of WE in the sixth bus cycle. All memory cells are automatically preprogrammed to 0, erased and
verified as erased by the chip. The device status is indicated by the Hardware Sequence flag.
Command input is ignored during an Auto Chip Erase. A hardware reset can interrupt an Auto Chip Erase
operation. If an Auto Chip Erase operation is interrupted, it cannot be completed correctly. Hence an additional
Erase operation must be performed.
Any attempt to erase a protected block is ignored. If all blocks are protected, the Auto Erase operation will not
be executed and the device will enter Read mode 100 µs after the rising edge of the WE signal in the sixth bus
cycle.
If an Auto Chip Erase operation fails, the device will remain in the erasing state and will not return to Read
Mode. The device status is indicated by the Hardware Sequence flag. Either a Reset command or a hardware
reset is required to return the device to Read Mode after a failure.
In this case it cannot be ascertained which block the failure occurred in. Either abandon use of the device
altogether, or perform a Block Erase on each block, identify the failed block, and stop using it. The host
processor must take measures to prevent subsequent use of the failed block.


同様の部品番号 - TC58FVB641FT-70

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC58FVB641FT-70 TOSHIBA-TC58FVB641FT-70 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
More results

同様の説明 - TC58FVB641FT-70

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com