データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC9455N データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TC9455N
部品情報  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9455N データシート(HTML) 3 Page - Toshiba Semiconductor

  TC9455N Datasheet HTML 1Page - Toshiba Semiconductor TC9455N Datasheet HTML 2Page - Toshiba Semiconductor TC9455N Datasheet HTML 3Page - Toshiba Semiconductor TC9455N Datasheet HTML 4Page - Toshiba Semiconductor TC9455N Datasheet HTML 5Page - Toshiba Semiconductor TC9455N Datasheet HTML 6Page - Toshiba Semiconductor TC9455N Datasheet HTML 7Page - Toshiba Semiconductor TC9455N Datasheet HTML 8Page - Toshiba Semiconductor TC9455N Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TC9455,88F/N
2002-02-05
3
Pin Description (Note 1)
Pin Number
TC9455N
TC9488N
TC9455F
TC9488F
Symbol
I/O
Function
Remarks
1
1
VDD
Digital supply voltage pin
2
2
CSCC
I
Capacitor connecting pin for CR oscillator (C = 68 pF)
3
3
OSCR
I
Resistor connecting pin for CR oscillator (R = 5.6 kΩ)
4
5
VOL1 ( CS )
I
When VOLST = “H” level, CS signal input pin
When VOLST = “L” level, DC control pin for MIC1 volume
5
6
VOL2 (SCL)
I
When VOLST = “H” level, clock input pin
When VOLST = “L” level, DC control pin for MIC2 volume
Open drain output
6
7
VOL3 (SDA)
I
When VOLST = “H” level, data input pin
When VOLST = “L” level, DC control pin for echo volume
Open drain output
7
9
VRO
Reference voltage pin
8
10
VREF
Reference voltage pin (1/2 VDD)
9
11
VDA
Analog supply voltage pin
10
13
ALC1
I
Auto level control pin 1
11
14
MC1N
I
MIC1 feedback signal input pin
12
15
MC1P
I
MIC1 signal input pin
13
16
MC2P
I
MIC2 signal input pin
14
17
MC2N
I
MIC2 feedback signal input pin
15
18
ALC2
I
Auto level control pin 2
16
20
VSA
Analog ground pin
17
21
MCO
O
MIC addition signal output pin
18
22
PRIN
I
Pre-filter input pin
19
23
ADIN
I
Pre-filter output signal or DC input pin
20
25
DAOUT
O
Post-filter output pin
21
26
VOLST
I
Electronic volume control mode select pin
When VOLST = “H” level, serial control (I
2C bus/three-lead)
When VOLST = “L” level, DC level control
22
28
TEST
I
Test pin. Fix to “H” level for normal use
23
29
POOUT
O
Microphone echo signal output pin
24
30
VSS
Digital ground pin
Note 1: With the TC9455F and TC9488F, pins 4, 8, 12, 19, 24, and 27 are not connected (NC pins).
NC pins are normally open.


同様の部品番号 - TC9455N

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC9452F TOSHIBA-TC9452F Datasheet
606Kb / 15P
   SINGLE CHIP SURROUND LSI
TC9456F TOSHIBA-TC9456F Datasheet
624Kb / 16P
   SINGLE CHIP SURROUND LSI WITH A BUILT-IN SRS
TC9457F TOSHIBA-TC9457F Datasheet
251Kb / 15P
   Firmware Built In Digital Servo
TC9459 TOSHIBA-TC9459 Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
TC9459F TOSHIBA-TC9459F Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
More results

同様の説明 - TC9455N

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com