データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1000C26K1L データシート(PDF) 5 Page - International Rectifier

部品番号 ST1000C26K1L
部品情報  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

ST1000C26K1L データシート(HTML) 5 Page - International Rectifier

  ST1000C26K1L Datasheet HTML 1Page - International Rectifier ST1000C26K1L Datasheet HTML 2Page - International Rectifier ST1000C26K1L Datasheet HTML 3Page - International Rectifier ST1000C26K1L Datasheet HTML 4Page - International Rectifier ST1000C26K1L Datasheet HTML 5Page - International Rectifier ST1000C26K1L Datasheet HTML 6Page - International Rectifier ST1000C26K1L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ST1000C..K Series
5
Bulletin I25202 rev. A 01/00
www.irf.com
Outline Table
TWO PLACES
PIN RECEPTACLE
AMP. 60598-1
1 (0.04) MIN.
TWO PLACES
47.5 (1.87) DIA. MAX.
2 HOLES DIA. 3.5 (0.14) x
2.1 (0.1) DEEP
4.75 (0.2) NOM.
20° ± 5°
44 (1.73)
CREPAGE DESTANCE 28.88 (1.137) MIN.
STRIKE DISTANCE 17.99 (0.708) MIN.
67 (2.6) DIA. MAX.
Case Style A-24 (K-PUK)
All dimensions in millimeters (inches)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)
AverageOn-stateCurrent(A)
AverageOn-stateCurrent(A)
70
80
90
100
110
120
130
0
100 200 300 400 500 600 700
30°
60°
90°
120 °
180 °
Conduction Angle
ST1000C..K Series
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ-hs
70
80
90
100
110
120
130
0
200
400
600
800
1000
DC
30°
60°
90°
120 °
180 °
Conduction Period
ST1000C..K Series
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ-hs


同様の部品番号 - ST1000C26K1L

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ST1000C26K1L VISHAY-ST1000C26K1L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
ST1000C26K1L VISHAY-ST1000C26K1L Datasheet
143Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 02-Feb-11
More results

同様の説明 - ST1000C26K1L

メーカー部品番号データシート部品情報
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com