データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP4027G データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TLP4027G
部品情報  TOSHIBA Photocoupler Photorelay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4027G データシート(HTML) 3 Page - Toshiba Semiconductor

  TLP4027G Datasheet HTML 1Page - Toshiba Semiconductor TLP4027G Datasheet HTML 2Page - Toshiba Semiconductor TLP4027G Datasheet HTML 3Page - Toshiba Semiconductor TLP4027G Datasheet HTML 4Page - Toshiba Semiconductor TLP4027G Datasheet HTML 5Page - Toshiba Semiconductor TLP4027G Datasheet HTML 6Page - Toshiba Semiconductor TLP4027G Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP4027G
2003-01-14
3
Coupled Electrical Characteristics (Ta
==== 25°C)
Characteristics
Form
Symbol
Test Condition
Min
Typ.
Max
Unit
1a
IFT
ION = 90 mA
Trigger LED current
1b
IFC
IOFF = 10 mA
¾
1
3
mA
1a
IFC
IOFF = 10 mA
Return LED current
1b
IFT
ION = 90 mA
0.1
¾
¾
mA
ION = 90 mA, t < 1s
¾
30
35
On-state resistance
(Note 2)
¾
RON
ION = 90 mA
¾
40
50
W
Note 2: 1-form-A: IF = 5 mA, 1-form-B: IF = 0 mA
Isolation Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
¾
0.8
¾
pF
Isolation resistance
RS
VS = 500 V, R.H. <= 60%
5
´ 10
10
10
14
¾
W
AC, 1 min
1500
¾
¾
AC, 1 s, in oil
¾
3000
¾
Vrms
Isolation voltage
BVS
DC, 1 min, in oil
¾
3000
¾
Vdc
Switching Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
¾
0.25
1
1b
Turn-off time
tOFF
RL = 200 W
VDD = 20 V, IF = 5 mA
(Note 3)
¾
0.5
1
ms
Turn-on time
tON
¾
0.3
1
1a
Turn-off time
tOFF
RL = 200 W
VDD = 20 V, IF = 5 mA
(Note 3)
¾
0.15
1
ms
Note 3: Switching time test circuit
8
tOFF
tON
10%
90%
VOUT
IF
1
VDD
VOUT
RL
7
2
IF
1b
6
tOFF
tON
10%
90%
VOUT
IF
3
VDD
VOUT
RL
5
4
IF
1a


同様の部品番号 - TLP4027G

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
More results

同様の説明 - TLP4027G

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP202G TOSHIBA-TLP202G Datasheet
131Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLX9160T TOSHIBA-TLX9160T Datasheet
511Kb / 7P
   TOSHIBA Photocoupler Photorelay
2021-04-01
TLP172G TOSHIBA-TLP172G Datasheet
138Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP592A TOSHIBA-TLP592A_14 Datasheet
250Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP4026G TOSHIBA-TLP4026G Datasheet
399Kb / 8P
   TOSHIBA Photocoupler Photorelay
2019-06-24
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
   TOSHIBA Photocoupler Photorelay
2019-06-17
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com