データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21400IU8Z-TK データシート(PDF) 1 Page - Renesas Technology Corp

部品番号 ISL21400IU8Z-TK
部品情報  Programmable Temperature Slope Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21400IU8Z-TK データシート(HTML) 1 Page - Renesas Technology Corp

  ISL21400IU8Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN8091 Rev 3.00
Page 1 of 17
March 31, 2011
FN8091
Rev 3.00
March 31, 2011
ISL21400
Programmable Temperature Slope Voltage Reference
DATASHEET
The ISL21400 features a precision voltage reference
combined with a temperature sensor whose output voltage
varies linearly with temperature. The precision 1.20V
reference has a very low temperature coefficient (tempco),
and its output voltage is scaled by an internal DAC (VREF) to
produce a temperature stable output voltage that is
programmable from 0V to 1.20V. The output voltage from the
temperature sensor (VTS) is summed with VREF to produce
a temperature dependent output voltage.
The slope of the VTS portion of the output voltage can be
programmed to be positive or negative in the range
-2.1mV/°C to +2.1mV/°C. A programmable gain amplifier
(PGA) sums the VTS and the VREF voltages and provides
gains of 1x, 2x, and 4x to scale the output up to 4.8V and the
slope to ±8.4mV/°C.
The VREF and VTS terms are programmable with 8 bits of
resolution via an I2C bus and the values are stored in
non-volatile registers. The PGA gain is also set via the I2C
bus and the value is stored in a non-volatile register.
Non-volatile memory storage assures the programmed
settings are retained on power-down, eliminating the need
for software initialization at device power-up.
Temperature Characteristics Curve
Features
• Programmable reference voltage
• Programmable temperature slope
• Programmable Gain Amplifier
• Non-volatile storage of programming registers
•I2C serial interface
• 2% total accuracy over temperature and VCC range
• 200µA typical active supply current
• Operating temperature range = -40°C to +85°C
• 8 Ld MSOP package
• Pb-free (RoHS compliant)
Applications
• RF power amplifier bias compensation
• LCD bias compensation
• Laser diode bias compensation
• Sensor bias and linearization
• Data acquisition systems
• Variable DAC reference
• Amplifier biasing
Pinout
ISL21400
(8 LD MSOP)
TOP VIEW
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
TS = 0
TS = 255
TS = 127
TS = 0
TS = 127
TS = 255
AV = 2
AV = 1
Pin Descriptions
MSOP
SYMBOL
DESCRIPTION
1
A2
Hardwire slave address pin for I2C serial bus
2
A1
Hardwire slave address pin for I2C serial bus
3
A0
Hardwire slave address pin for I2C serial bus
4VSS
Ground pin
5
SCL
Serial bus clock input
6
SDA
Serial bus data input/output
7
VOUT
Output voltage
8VCC
Device power supply
A2
VCC
1
2
3
4
SDA
SCL
8
7
6
5
A0
VOUT
VSS
A1


同様の部品番号 - ISL21400IU8Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21400IU8Z-TK INTERSIL-ISL21400IU8Z-TK Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
More results

同様の説明 - ISL21400IU8Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21400 INTERSIL-ISL21400 Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com