データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21080CIH333Z-TK データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 ISL21080CIH333Z-TK
部品情報  300nA NanoPower Voltage References
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21080CIH333Z-TK データシート(HTML) 3 Page - Renesas Technology Corp

  ISL21080CIH333Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL21080CIH333Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL21080CIH333Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL21080CIH333Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21080CIH333Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21080CIH333Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21080CIH333Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL21080CIH333Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL21080CIH333Z-TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ISL21080
FN6934 Rev. 6.00
Page 3 of 21
Mar 26, 2018
Absolute Maximum Ratings
Thermal Information
Max Voltage
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
VIN to GND (ISL21080-41 and 50 only) . . . . . . . . . . . . . . . -0.5V to +10V
VOUT to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VOUT +1V
VOUT to GND (10s)
ISL21080-41 and 50 only . . . . . . . . . . . . . . . . . . . . . . -0.5V to +5.1V
ESD Ratings
Human Body Model (Tested to JESD22-A114) . . . . . . . . . . . . . . . . . . 5kV
Machine Model (Tested to JESD22-A115). . . . . . . . . . . . . . . . . . . . . 500V
Charged Device Model (Tested to JESD22-C101) . . . . . . . . . . . . . . . . 2kV
Latch Up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . 100mA
Environmental Operating Conditions
X-Ray Exposure (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mRem
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
3 Lead SOT-23 (Notes 6, 7). . . . . . . . . . . . . .
275
110
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+107°C
Continuous Power Dissipation (TA = +85°C) . . . . . . . . . . . . . . . . . . .99mW
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5. Measured with no filtering, distance of 10” from source, intensity set to 55kV and 70µA current, 30s duration. Other exposure levels should be
analyzed for Output Voltage drift effects. See “Applications Information” on page 15.
6.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See TB379 for details.
7. For
JC, the “case temp” location is taken at the package top center.
Electrical Specifications (ISL21080-09, VOUT = 0.9V) VIN = 3.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 13)TYP
MAX
(Note 13)UNIT
Output Voltage
VOUT
0.9
V
VOUT Accuracy at TA = +25°C (Notes 8, 9)VOA
-0.7
+0.7
%
Output Voltage Temperature Coefficient
(Note 10)
TC VOUT
50
ppm/°C
Input Voltage Range
VIN
2.0
5.5
V
Supply Current
IIN
0.35
1.5
µA
Line Regulation
VOUT /VIN
2V < VIN < 5.5V
30
350
µV/V
Load Regulation
VOUT/IOUT
Sourcing: 0mA
 IOUT  10mA
6
100
µV/mA
Sinking: -10mA
 IOUT 0mA
23
350
µV/mA
Short-Circuit Current
ISC
TA = +25°C, VOUT tied to GND
30
mA
Turn-On Settling Time
tR
VOUT = ±0.1% with no load
1
ms
Ripple Rejection
f = 120Hz
-40
dB
Output Voltage Noise
eN
0.1Hz
 f 10Hz
40
µVP-P
Broadband Voltage Noise
VN
10Hz
 f 1kHz
10
µVRMS
Noise Density
f = 1kHz
1.1
µV/
Hz
Thermal Hysteresis (Note 11)
VOUT/TA
TA = +125°C
100
ppm
Long Term Stability (Note 12)
VOUT/tTA = +25°C
60
ppm


同様の部品番号 - ISL21080CIH333Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21080CIH333Z-TK INTERSIL-ISL21080CIH333Z-TK Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
ISL21080CIH333Z-TK INTERSIL-ISL21080CIH333Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080CIH333Z-TK INTERSIL-ISL21080CIH333Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080CIH333Z-TK INTERSIL-ISL21080CIH333Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
More results

同様の説明 - ISL21080CIH333Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com