データシートサーチシステム |
|
ISL28025FR12Z-T データシート(PDF) 6 Page - Renesas Technology Corp |
|
ISL28025FR12Z-T データシート(HTML) 6 Page - Renesas Technology Corp |
6 / 53 page ISL28025 FN8388 Rev.6.00 Page 6 of 53 Feb 27, 2018 TABLE 1. DPM PORTFOLIO COMPARISON - ISL28022 vs ISL28023 vs ISL28025 (Dual Package) DESCRIPTION BASIC DIGITAL POWER MONITOR FULL FEATURE DIGITAL POWER MONITOR DIGITAL POWER MONITOR DUAL PACKAGE OPTIONS PART NUMBER ISL28022 ISL28023 ISL28025 PACKAGE MSOP10, QFN16 QFN24 WLCSP-16 / QFN20 Temperature Range -40°C to +125°C -40°C to +125°C -40°C to +125°C 0V to 60V Input Range 0V to 60V Opt 1: 0V to 60V Opt 2: 0V to 16V Opt 1: 0V to 60V WLCSP-16 only Opt 2: 0V to 16V ADC 16-bit 16-bit 16-bit +25°C Gain Error 0.30% 0.25% 0.25% Current Measure LSB Step 10µV 2.5µV 2.5µV +25°C Offset 75µV 30µV 30µV Primary Differential Shunt Input X X X Channel Independent Bus Voltage X X X LV Aux Differential Shunt Input X Channel Independent Bus Voltage X X VBus LSB Step Low Voltage Bus 0.25mV 0.25mV High Voltage Bus 4mV 1mV/0.25mV 1mV/0.25mV External Temperature Sensor Input X HV Internal Regulator (3.3VOUT)X X Fast OC/OV/UV Alert Outputs 2 Outputs 2 Outputs Margin DAC XQFN20 Internal Temperature Sensor X X User Select Conversion Mode/Sample Rate X X X Peak Min/Max Current Registers X X Slave Address Locations 16 Addresses 55 Addresses 55 Addresses I2C Level Translators XX PMBus XX I2C/SMBus X X X High Speed (3.4MHz) I2C Mode X X X External Clock Input X X WLCSP-16 Power Shutdown Mode X X X |
同様の部品番号 - ISL28025FR12Z-T |
|
同様の説明 - ISL28025FR12Z-T |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |