データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

381LR182M200A452 データシート(PDF) 1 Page - Cornell Dubilier Electronics

部品番号 381LR182M200A452
部品情報  Ultra-High Ripple Capabilities
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LR182M200A452 データシート(HTML) 1 Page - Cornell Dubilier Electronics

  381LR182M200A452 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LR182M200A452 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LR182M200A452 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LR182M200A452 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LR182M200A452 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LR182M200A452 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Type 381LR 105 °C Highest Ripple, Snap-In Aluminum
Ultra-High Ripple Capabilities
Compared to standard 105 °C snap-ins like the Type 381L/LX
Type 381LR can handle an extra 25% ripple current or more.
This remarkable capability stems from advances in electrolyte
that give extremely low ESR values.In high ripple current
applications like motor drives you can save by using fewer
capacitors.
Highlights
- The right choice for motor drive bus capacitors
- The right choice for UPS bus capacitors
- Compare to Type 381L
- Up to 2 times the ripple current
Specifcations
Temperature Range
–40 °C to + 105 °C ≤ 315 Vdc
–25 °C to + 105 °C ≥ 350 Vdc
Rated Voltage Range
200 Vdc to 450 Vdc
Capacitance Range
56 µF to 2,200 µF
Capacitance Tolerance
± 20%
Leakage Current
≤3 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers
Ambient Temperature
45 ºC
60 ºC
70 ºC
85 ºC
2.35
2.20
2.00
1.70
Frequency
10
50 Hz 60 Hz 120 Hz 500 kHz 1 kHz kHz &
Up
0.75
0.80
1.00
1.20
1.25
1.40
105 ºC
1.00
Low Temperature Characteristics
Impedance ratio: Z
∕ Z
–20⁰C
+25⁰C
≤ 3 (200–450Vdc)
Endurance Life Test
3000 h at full load at 105 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
1000 h at 105 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
RoHS Compliant
CDM Cornell Dubilier  140 Technology Place  Liberty, SC 29657  Phone: (864)843-2277  Fax: (864)843-3800


同様の部品番号 - 381LR182M200A452

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
381LR182M200A452 ETC2-381LR182M200A452 Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381LR182M200A452 CDE-381LR182M200A452 Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
381LR182M200A452 CDE-381LR182M200A452 Datasheet
457Kb / 6P
   Ultra-High Ripple Capabilities
More results

同様の説明 - 381LR182M200A452

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
381LR681M200J032 CDE-381LR681M200J032 Datasheet
457Kb / 6P
   Ultra-High Ripple Capabilities
logo
C&K Components
KMR7 CK-COMPONENTS-KMR7 Datasheet
175Kb / 2P
   Ultra low current capabilities
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
logo
List of Unclassifed Man...
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Seiko Instruments Inc
S1167 SII-S1167 Datasheet
1Mb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U Datasheet
167Kb / 7P
   High surge current capabilities
Revision: 25-Nov-13
VS-301U VISHAY-VS-301U Datasheet
421Kb / 12P
   High surge current capabilities
Revision: 13-May-15
logo
Cornell Dubilier Electr...
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
logo
Shanghai Leiditech Elec...
LB145F LEIDITECH-LB145F Datasheet
1Mb / 2P
   High voltage surge capabilities
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com