データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBL608G データシート(PDF) 1 Page - GeneSiC Semiconductor, Inc.

部品番号 KBL608G
部品情報  Single Phase Glass Passivated Silicon Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENESIC [GeneSiC Semiconductor, Inc.]
ホームページ  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

KBL608G データシート(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  KBL608G Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. KBL608G Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. KBL608G Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 600 V - 1000 V
IO = 6 A
Features
• Ideal for printed circuit board
KBL Package
• Not ESD Sensitive
Mechanical Data
Case: Molded plastic
Polarity: Marked on body
Weight: 0.167 ounce, 5 grams
Mounting position: Any
• Reliable low cost construction utilizing molded plastic
technique
Terminals: Plated terminals, solderable per MIL-STD-
202F, Method 208
• Types from 50 V to 400 V VRRM
KBL606G thru KBL610G
• High surge current capability
Single Phase Glass Passivated
Silicon Bridge Rectifier
Parameter
Symbol
Unit
Repetitive peak reverse voltage
VRRM
V
RMS reverse voltage
VRMS
V
DC blocking voltage
VDC
V
Operating temperature
Tj
°C
Storage temperature
Tstg
°C
Parameter
Symbol
Unit
Maximum average forward
rectified current
IO
A
Peak forward surge current
IFSM
A
Maximum instantaneous
forward voltage per leg
1000
700
1000
800
800
560
420
KBL606G
KBL608G
Maximum ratings at Ta = 25 °C (ambient temperature), unless otherwise specified
Conditions
KBL610G
600
100
100
6
-55 to 150
600
100
5
1.1
5
1.1
1.1
5
-55 to 150
-55 to 150
KBL610G
-55 to 150
-55 to 150
KBL606G
KBL608G
Electrical characteristics at Ta = 25 °C, unless otherwise specified
-55 to 150
V
Conditions
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Ta = 50 °C
66
180
180
180
Maximum reverse current at
rated DC blocking voltage per
leg
IR
VF
Ta = 125 °C
single sine-wave
μA
Ta = 25 °C
IF = 6 A
Apr 2016
Latest version of this datasheet at: www.genesicsemi.com/silicon-products/bridge-rectifiers/
1


同様の部品番号 - KBL608G

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
KBL608G SECOS-KBL608G Datasheet
667Kb / 2P
   Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers
logo
America Semiconductor, ...
KBL608G AMERICASEMI-KBL608G Datasheet
597Kb / 2P
   BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
KBL608G GENESIC-KBL608G Datasheet
309Kb / 3P
   Silicon Bridge Rectifier
KBL608G GENESIC-KBL608G Datasheet
477Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results

同様の説明 - KBL608G

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU15A GENESIC-GBU15A Datasheet
350Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
KBJ406G GENESIC-KBJ406G Datasheet
326Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Rectron Semiconductor
SLDB051S RECTRON-SLDB051S Datasheet
295Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS101 RECTRON-RS101_05 Datasheet
30Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
DF005 SEMTECH_ELEC-DF005 Datasheet
464Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB101 SEMTECH_ELEC-DB101 Datasheet
309Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB151 SEMTECH_ELEC-DB151 Datasheet
336Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBJ6J GENESIC-GBJ6J_18 Datasheet
1Mb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com