データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

381LR102M250A042 データシート(PDF) 5 Page - Cornell Dubilier Electronics

部品番号 381LR102M250A042
部品情報  Ultra-High Ripple Capabilities
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LR102M250A042 データシート(HTML) 5 Page - Cornell Dubilier Electronics

  381LR102M250A042 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LR102M250A042 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LR102M250A042 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LR102M250A042 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LR102M250A042 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LR102M250A042 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6
Type 381LR 105 °C Highest Ripple, Snap-In Aluminum
Ultra-High Ripple Capabilities
Cap.
(uF)
Max. ESR
@ +25°C
Catalog
Part Number
120 Hz
20 kHz
(ohms)
(ohms)
Ripple Amps
@ +105°C
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
450 Vdc (500 Vdc Surge)
150
381LR151M450H032
1.327
0.594
0.88
1.26
22 x 35
150
381LR151M450J022
1.330
0.464
0.830
1.04
25 x 30
150
381LR151M450J042
0.884
0.396
1.07
1.53
25 x 40
150
381LR151M450K022
0.884
0.396
1.07
1.53
30 x 30
180
381LR181M450H042
1.110
0.500
1.00
1.43
22 x 40
180
381LR181M450K022
0.737
0.332
1.12
1.60
30 x 30
220
381LR221M450J042
0.603
0.271
1.42
2.03
25 x 40
220
381LR221M450K032
0.603
0.271
1.42
2.03
30 x 35
220
381LR221M450A022
0.603
0.271
1.42
2.03
35 x 30
270
381LR271M450K042
0.491
0.221
1.72
2.45
30 x 40
270
381LR271M450A032
0.491
0.221
1.72
2.45
35 x 35
330
381LR331M450K052
0.402
0.181
1.85
2.64
30 x 50
330
381LR331M450A042
0.402
0.181
1.85
2.64
35 x 40
390
381LR391M450A042
0.340
0.153
1.97
2.82
35 x 40
470
381LR471M450A052
0.282
0.127
2.47
3.53
35 x 50
Typical Performance Curves
Life Test 105 ⁰C, Full Load, 220 µF, 400 Vdc
Life Test 105 ⁰C, Full Load, 330 µF, 400 Vdc
Capacitance, DF, Leakage Current
Capacitance, DF, Leakage Current
35
7
DF
DCL
C
DF
DCL
C
0
500
1000
1500
2000
6
5
30
5
25
4
4
20
3
3
2
15
2
10
1
1
0
5
0
0
-1
-1
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Hours @ Rated Max Temp, Voltage, Ripple
Type 381LR Operating Life in Kilohours vs Ripple Current
1000
45 ºC
55 ºC
65 ºC
75
ºC
85 ºC
95 ºC
105 ºC
100
10
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-Current Multiple
CDM Cornell Dubilier  140 Technology Place  Liberty, SC 29657  Phone: (864)843-2277  Fax: (864)843-3800
80
70
60
50
40
30
20
10
0


同様の部品番号 - 381LR102M250A042

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
381LR102M250A042 ETC2-381LR102M250A042 Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381LR102M250A042 CDE-381LR102M250A042 Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
More results

同様の説明 - 381LR102M250A042

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
381LR681M200J032 CDE-381LR681M200J032 Datasheet
457Kb / 6P
   Ultra-High Ripple Capabilities
logo
C&K Components
KMR7 CK-COMPONENTS-KMR7 Datasheet
175Kb / 2P
   Ultra low current capabilities
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
logo
List of Unclassifed Man...
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Seiko Instruments Inc
S1167 SII-S1167 Datasheet
1Mb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U Datasheet
167Kb / 7P
   High surge current capabilities
Revision: 25-Nov-13
VS-301U VISHAY-VS-301U Datasheet
421Kb / 12P
   High surge current capabilities
Revision: 13-May-15
logo
Cornell Dubilier Electr...
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
logo
Shanghai Leiditech Elec...
LB145F LEIDITECH-LB145F Datasheet
1Mb / 2P
   High voltage surge capabilities
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com