データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

381LQ821M100H022 データシート(PDF) 7 Page - Cornell Dubilier Electronics

部品番号 381LQ821M100H022
部品情報  Higher Capacitance per Case Size
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LQ821M100H022 データシート(HTML) 7 Page - Cornell Dubilier Electronics

Back Button 381LQ821M100H022 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LQ821M100H022 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LQ821M100H022 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LQ821M100H022 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LQ821M100H022 Datasheet HTML 7Page - Cornell Dubilier Electronics 381LQ821M100H022 Datasheet HTML 8Page - Cornell Dubilier Electronics 381LQ821M100H022 Datasheet HTML 9Page - Cornell Dubilier Electronics 381LQ821M100H022 Datasheet HTML 10Page - Cornell Dubilier Electronics 381LQ821M100H022 Datasheet HTML 11Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Type 381LQ 105 ºC Compact, High Ripple, Snap-In Aluminum
Higher Capacitance per Case Size
Cap.
(uF)
Catalog Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +105°C
Size
120 Hz
20 kHz
120 Hz
20 kHz
D x L
(ohms)
(ohms)
(A)
(A)
(mm)
315 Vdc (365 Vdc Surge)
680
381LQ681M315K452
0.244
0.116
1.70
2.38
30 x 45
680
381LQ681M315A032
0.244
0.116
1.70
2.38
35 x 35
820
381LQ821M315K052
0.202
0.091
2.00
2.80
30 x 50
820
381LQ821M315A042
0.202
0.091
2.00
2.80
35 x 40
1000
381LQ102M315A452
0.166
0.075
2.30
3.22
35 x 45
350 Vdc (400 Vdc Surge)
120
381LQ121M350H022
1.660
0.750
0.75
1.05
22 x 30
150
381LQ151M350H022
1.330
0.600
0.77
1.08
22 x 30
180
381LQ181M350H022
1.110
0.500
0.87
1.22
22 x 30
220
381LQ221M350H032
0.900
0.450
1.44
2.02
22 x 35
270
381LQ271M350J032
0.740
0.330
1.10
1.54
25 x 35
330
381LQ331M350J042
0.600
0.270
1.20
1.68
25 x 40
390
381LQ391M350J452
0.510
0.230
1.30
1.82
25 x 45
470
381LQ471M350A022
0.420
0.190
1.40
1.96
35 x 30
560
381LQ561M350K452
0.296
0.133
1.50
2.10
30 x 45
560
381LQ561M350A032
0.296
0.133
1.50
2.10
35 x 35
680
381LQ681M350K052
0.244
0.110
1.70
2.38
30 x 50
680
381LQ681M350A042
0.244
0.110
1.70
2.38
35 x 40
820
381LQ821M350A452
0.202
0.091
1.90
2.66
35 x 45
400 Vdc (450 Vdc Surge)
100
381LQ101M400H012
1.990
0.900
0.70
0.98
22 x 25
120
381LQ121M400H022
1.520
0.684
0.75
1.05
22 x 30
150
381LQ151M400H032
1.330
0.600
0.88
1.23
22 x 35
180
381LQ181M400J032
1.110
0.500
0.95
1.33
25 x 35
220
381LQ221M400H452
0.900
0.410
1.05
1.40
22 x 45
220
381LQ221M400J032
0.829
0.373
1.10
1.54
25 x 35
270
381LQ271M400K022
0.675
0.304
1.22
1.71
30 x 30
330
381LQ331M400K032
0.553
0.249
1.44
2.02
30 x 35
390
381LQ391M400J052
0.510
0.230
1.55
2.17
25 x 50
390
381LQ391M400K032
0.468
0.210
1.40
1.95
30 x 35
390
381LQ391M400K042
0.468
0.210
1.55
2.17
30 x 40
470
381LQ471M400K452
0.388
0.175
1.68
2.35
30 x 45
470
381LQ471M400A032
0.388
0.175
1.68
2.35
35 x 35
560
381LQ561M400K052
0.326
0.147
1.90
2.66
30 x 50
560
381LQ561M400A042
0.326
0.147
1.90
2.66
35 x 40
680
381LQ681M400A452
0.268
0.121
2.12
2.97
35 X 45
820
381LQ821M400A052
0.200
0.090
2.30
3.20
35 X 50
420 Vdc (470 Vdc Surge)
120
381LQ121M420H022
1.660
0.750
0.70
0.98
22 x 30
150
381LQ151M420H042
1.330
0.600
0.85
1.20
22 x 40
180
381LQ181M420H042
1.100
0.460
0.90
1.30
22 x 40
220
381LQ221M420H452
0.900
0.400
1.05
1.50
22 x 45
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


同様の部品番号 - 381LQ821M100H022

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
381LQ821M100H012 ETC-381LQ821M100H012 Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381LQ821M100H012 CDE-381LQ821M100H012 Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
More results

同様の説明 - 381LQ821M100H022

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
Nichicon corporation
PCG NICHICON-PCG Datasheet
960Kb / 2P
   Chip Type, Higher Capacitance
PLG NICHICON-PLG Datasheet
889Kb / 2P
   Radial Lead Type, Higher Capacitance
UUJ2A470MNQ1MS NICHICON-UUJ2A470MNQ1MS Datasheet
368Kb / 3P
   Chip Type, Higher Capacitance Range
PCJ NICHICON-PCJ Datasheet
1,001Kb / 2P
   Chip Type, Low ESR, Higher Capacitance
PCL NICHICON-PCL Datasheet
1,001Kb / 2P
   Chip Type, Higher Capacitance LongLife Assurance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com