データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

381LQ822M050A032 データシート(PDF) 1 Page - Cornell Dubilier Electronics

部品番号 381LQ822M050A032
部品情報  Higher Capacitance per Case Size
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LQ822M050A032 データシート(HTML) 1 Page - Cornell Dubilier Electronics

  381LQ822M050A032 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LQ822M050A032 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LQ822M050A032 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LQ822M050A032 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LQ822M050A032 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LQ822M050A032 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LQ822M050A032 Datasheet HTML 7Page - Cornell Dubilier Electronics 381LQ822M050A032 Datasheet HTML 8Page - Cornell Dubilier Electronics 381LQ822M050A032 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Type 381LQ 105 ºC Compact, High Ripple, Snap-In Aluminum
Higher Capacitance per Case Size
Type 381LQ is on average 23% smaller and more than 5 mm
shorter than Type 381LX. This is achieved with a new can
closure method that permits installing capacitor elements into
smaller cans. Approaching the robust capability of the 381L
the new 381LQ enables you to shrink equipment size and
retain the original performance.
Highlights
- More capacitance per case
- Compares to the 381L
Specifications
Temperature Range
–40 °C to + 105 °C ≤ 315 Vdc
–25 °C to + 105 °C ≥ 350 Vdc
Rated Voltage Range
10 Vdc to 450 Vdc
Capacitance Range
100 µF to 100,000 µF
Capacitance Tolerance
± 20%
Leakage Current
≤3 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 10 (10 Vdc)
≤ 8 (16–50 Vdc)
≤ 4 (63–100 Vdc)
≤ 3 (150–450 Vdc)
Endurance Life Test
2000 h at full load at 105 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
1000 h at 105 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
RoHS Compliant
Frequency
45 ºC
60 ºC
70 ºC
85 ºC
105 ºC
2.35
2.20
2.00
1.70
1.00
Voltage
50 Hz 60 Hz 120 Hz 500 kHz 1 kHz
10
kHz &
Up
10 - 100 WV 0.93
0.95
1.00
1.05
1.08
1.15
160 - 450 WV 0.75
0.80
1.00
1.20
1.25
1.40
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


同様の部品番号 - 381LQ822M050A032

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
381LQ822M050J452 ETC-381LQ822M050J452 Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381LQ822M050J452 CDE-381LQ822M050J452 Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
List of Unclassifed Man...
381LQ822M050K032 ETC-381LQ822M050K032 Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381LQ822M050K032 CDE-381LQ822M050K032 Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
More results

同様の説明 - 381LQ822M050A032

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
Nichicon corporation
PCG NICHICON-PCG Datasheet
960Kb / 2P
   Chip Type, Higher Capacitance
PLG NICHICON-PLG Datasheet
889Kb / 2P
   Radial Lead Type, Higher Capacitance
UUJ2A470MNQ1MS NICHICON-UUJ2A470MNQ1MS Datasheet
368Kb / 3P
   Chip Type, Higher Capacitance Range
PCJ NICHICON-PCJ Datasheet
1,001Kb / 2P
   Chip Type, Low ESR, Higher Capacitance
PCL NICHICON-PCL Datasheet
1,001Kb / 2P
   Chip Type, Higher Capacitance LongLife Assurance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com