データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

381LQ822M080A452 データシート(PDF) 2 Page - Cornell Dubilier Electronics

部品番号 381LQ822M080A452
部品情報  Higher Capacitance per Case Size
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LQ822M080A452 データシート(HTML) 2 Page - Cornell Dubilier Electronics

  381LQ822M080A452 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LQ822M080A452 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LQ822M080A452 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LQ822M080A452 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LQ822M080A452 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LQ822M080A452 Datasheet HTML 6Page - Cornell Dubilier Electronics 381LQ822M080A452 Datasheet HTML 7Page - Cornell Dubilier Electronics 381LQ822M080A452 Datasheet HTML 8Page - Cornell Dubilier Electronics 381LQ822M080A452 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Type 381LQ 105 ºC Compact, High Ripple, Snap-In Aluminum
Higher Capacitance per Case Size
381LQ
821
M
160
J04
2
A
Case
Insulating
Type
Cap
Tolerance
Voltage
Code
Sleeve
Pin Style
381LQ 821 =820 µF
M = ±20%
160 = 160 Vdc
2 = PVC
Blank = 2 pins
332 = 3300 µF
450 = 450 Vdc
snap-in 6.3 mm L
103 = 10,000 µF
A = 2 pins snap-in
4.0 mm L
Outline Drawing
DIAMETER
LENGTH
Typical
DIAMETER
LENGTH
Typical
Case
D
L
Weight
Case
D
L
Weight
Code mm inches
mm
inches
(grams)
Code
mm
inches
mm
inches
(grams)
H01
22
0.87
25
0.98
16
K01
30
1.18
25
0.98
30
H02
22
0.87
30
1.18
19
K02
30
1.18
30
1.18
35
H03
22
0.87
35
1.38
22
K03
30
1.18
35
1.38
40
H04
22
0.87
40
1.57
24
K04
30
1.18
40
1.57
44
H45
22
0.87
45
1.77
28
K45
30
1.18
45
1.77
49
H05
22
0.87
50
1.97
31
K05
30
1.18
50
1.97
53
J01
25
0.98
25
0.98
20
A01
35
1.38
25
0.98
42
J02
25
0.98
30
1.18
24
A02
35
1.38
30
1.18
48
J03
25
0.98
35
1.38
27
A03
35
1.38
35
1.38
54
J04
25
0.98
40
1.57
31
A04
35
1.38
40
1.57
60
J45
25
0.98
45
1.77
35
A45
35
1.38
45
1.77
67
J05
25
0.98
50
1.97
38
A05
35
1.38
50
1.97
74
Insulated Case Dimensions
Part Numbering System
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
1.5 0.2
2.0max.
4.0 mm pin length
option (add “A” to end
of part#)
Top of
Capacitor
Body
0.8 +0.2
-0.1
3.5
1.5 0.2
2.0max.
6.3 mm pin length
Top of
Capacitor
Body
0.8
+0.2
-0.1
L ± 2 max.
Dimensions shown are in mm


同様の部品番号 - 381LQ822M080A452

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
381LQ822M080A452 ETC-381LQ822M080A452 Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381LQ822M080A452 CDE-381LQ822M080A452 Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
More results

同様の説明 - 381LQ822M080A452

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
Nichicon corporation
PCG NICHICON-PCG Datasheet
960Kb / 2P
   Chip Type, Higher Capacitance
PLG NICHICON-PLG Datasheet
889Kb / 2P
   Radial Lead Type, Higher Capacitance
UUJ2A470MNQ1MS NICHICON-UUJ2A470MNQ1MS Datasheet
368Kb / 3P
   Chip Type, Higher Capacitance Range
PCJ NICHICON-PCJ Datasheet
1,001Kb / 2P
   Chip Type, Low ESR, Higher Capacitance
PCL NICHICON-PCL Datasheet
1,001Kb / 2P
   Chip Type, Higher Capacitance LongLife Assurance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com