データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

380LX221M160H012 データシート(PDF) 4 Page - Cornell Dubilier Electronics

部品番号 380LX221M160H012
部品情報  2, 4 and 5 pin styles available
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LX221M160H012 データシート(HTML) 4 Page - Cornell Dubilier Electronics

  380LX221M160H012 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LX221M160H012 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LX221M160H012 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LX221M160H012 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LX221M160H012 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LX221M160H012 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LX221M160H012 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LX221M160H012 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LX221M160H012 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
-2
0
2
4
6
8
10
12
14
16
18
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life TestData 380L222M050K012
Capacitance,DF, Leakage Current
Leakage (uADC)
DF (%)
Cap Change (%)
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
-10
0
10
20
30
40
50
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life TestData 380LX222M100J042
Capacitance,DF, Leakage Current
Leakage
(uADC)
DF
(%)
Cap Change (%)
-10
0
10
20
30
40
50
60
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life TestData 380LX151M400J02
Capacitance,DF, Leakage Current
Leakage
(uADC)
DF (%)
Cap Change (%)
0
10
20
30
40
50
60
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life TestData 380LX331M450K052
Capacitance,DF, Leakage Current
Leakage (uADC)
DF (%)
Cap Change (%)
Typical Performance Curves


同様の部品番号 - 380LX221M160H012

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LX221M160H012 CDE-380LX221M160H012 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
More results

同様の説明 - 380LX221M160H012

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LX153M035A022 CDE-380LX153M035A022 Datasheet
575Kb / 12P
   2, 4 and 5 pin styles available
381LX221M200H012 CDE-381LX221M200H012 Datasheet
979Kb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
381LX CDE-381LX_17 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
   Choose from Several Pin Styles
logo
Amphenol Corporation
RJCSE-5381-01 AMPHENOL-RJCSE-5381-01 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
logo
Alcoa international inc...
99-3303 ALCOA-99-3303 Datasheet
132Kb / 2P
   Blind Rivet W/2 Head Styles
99-3305 ALCOA-99-3305 Datasheet
133Kb / 2P
   Blind Rivet W/2 Head Styles
logo
Bourns Electronic Solut...
3296W-1-103LF BOURNS-3296W-1-103LF Datasheet
188Kb / 2P
   Multiturn / Cermet / Industrial / Sealed 5 terminal styles
logo
Grayhill, Inc
76RSB04T GRAYHILL-76RSB04T Datasheet
133Kb / 2P
   Raised and Recessed, Rocker and PIANO-DIP짰 Styles
logo
Alcoa international inc...
99-3306 ALCOA-99-3306 Datasheet
133Kb / 2P
   Blind Rivet W/2 Head Styles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com