データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

380LX271M420A022 データシート(PDF) 11 Page - Cornell Dubilier Electronics

部品番号 380LX271M420A022
部品情報  2, 4 and 5 pin styles available
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LX271M420A022 データシート(HTML) 11 Page - Cornell Dubilier Electronics

Back Button 380LX271M420A022 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LX271M420A022 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LX271M420A022 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LX271M420A022 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LX271M420A022 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LX271M420A022 Datasheet HTML 9Page - Cornell Dubilier Electronics 380LX271M420A022 Datasheet HTML 10Page - Cornell Dubilier Electronics 380LX271M420A022 Datasheet HTML 11Page - Cornell Dubilier Electronics 380LX271M420A022 Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +85°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
500 Vdc (550 Vdc Surge)
100
380LX101M500K022
2.013
1.208
1.10
1.50
30 x 30
100
380LX101M500A012
2.013
1.208
1.10
1.50
35 x 25
120
380LX121M500H052
1.678
1.007
1.13
1.58
22 x 50
120
380LX121M500J042
1.678
1.007
1.13
1.58
25 x 40
120
380LX121M500K022
1.678
1.007
1.13
1.58
30 x 30
120
380LX121M500K032
1.678
1.007
1.40
1.90
30 x 35
120
380LX121M500A022
1.678
1.007
1.40
1.90
35 x 30
150
380LX151M500J452
1.105
0.442
1.29
1.80
25 x 45
150
380LX151M500J052
0.945
0.585
1.40
1.90
25 x 50
150
380LX151M500K032
1.105
0.442
1.29
1.80
30 x 35
150
380LX151M500K042
0.926
0.562
1.60
2.20
30 x 40
150
380LX151M500A012
1.342
0.805
1.29
1.80
35 x 25
180
380LX181M500J052
0.920
0.368
1.38
1.93
25 x 50
180
380LX181M500K042
0.920
0.368
1.38
1.93
30 x 40
180
380LX181M500A022
1.119
0.617
1.38
1.93
35 x 30
180
380LX181M500A032
1.119
0.617
1.60
2.20
35 x 35
220
380LX221M500K452
0.754
0.339
1.50
2.10
30 x 45
220
380LX221M500K052
0.654
0.397
2.00
2.70
30 x 50
220
380LX221M500A032
0.915
0.549
1.50
2.10
35 x 35
220
380LX221M500A042
0.915
0.549
1.90
2.50
35 x 40
270
380LX271M500A042
0.746
0.447
1.76
2.46
35 x 40
270
380LX271M500A052
0.746
0.447
2.30
3.10
35 x 50
270
382L271M500N042
0.746
0.447
2.40
3.20
40 x 40
330
380LX331M500A452
0.610
0.366
1.99
2.79
35 x 45
330
382LX331M500N042
0.610
0.366
2.16
3.00
40 x 40
390
380LX391M500A052
0.516
0.310
2.22
3.11
35 x 50
390
380LX391M500A062
0.516
0.310
2.70
3.60
35 x 63
390
382L391M500N052
0.516
0.310
2.90
3.90
40 x 50
470
380LX471M500A062
0.428
0.257
2.58
3.61
35 x 63
470
380LX471M500A072
0.428
0.257
3.20
4.20
35 x 70
470
382LX471M500N052
0.428
0.257
2.70
3.78
40 x 50
470
382L471M500N062
0.428
0.257
3.40
4.50
40 x 63
560
380LX561M500A082
0.360
0.216
3.60
4.80
35 x 80
560
382LX561M500N062
0.360
0.216
3.11
4.35
40 x 63
560
382LX561M500B052V
0.360
0.216
3.52
4.05
50 x 50
680
380LX681M500A082
0.296
0.178
3.21
4.49
35 x 80
680
382L681M500N082
0.296
0.178
4.50
6.00
40 x 80
680
382LX681M500B062V
0.296
0.178
4.07
5.70
50 x 63
820
380LX821M500A102
0.246
0.147
3.97
5.56
35 x 105
820
382LX821M500N082
0.246
0.147
3.88
5.43
40 x 80
1000 382LX102M500B082V
0.199
0.121
5.05
7.07
50 x 80
1200 382LX122M500N102
0.168
0.101
5.90
8.26
40 x 105
1200 382LX122M500B092V
0.168
0.101
5.74
8.04
50 x 92
1500 382LX152M500B102V
0.134
0.081
6.65
9.31
50 x 105
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +85°C
Size
120 Hz
20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
450 Vdc (500 Vdc Surge)
180
380LX181M450K012
0.921
0.368
1.40
1.90
30 x 25
180
380LX181M450K022
0.921
0.368
1.35
1.89
30 x 30
220
380LX221M450H452
0.754
0.301
1.40
2.00
22 x 45
220
380LX221M450J452
0.750
0.300
1.40
2.00
25 x 45
220
380LX221M450J052
0.754
0.301
1.55
2.17
25 x 50
220
380LX221M450K032
0.754
0.301
1.55
2.17
30 x 35
220
380LX221M450A022
0.904
0.461
1.60
2.20
35 x 30
270
380LX271M450K452
0.680
0.270
1.80
2.50
30 x 45
270
380LX271M450A022
0.680
0.270
1.80
2.50
35 x 30
330
380LX331M450K052
0.550
0.250
2.00
2.80
30 x 50
330
380LX331M450A032
0.553
0.221
2.01
2.81
35 x 35
390
380LX391M450A452
0.510
0.260
2.20
3.10
35 x 45
470
380LX471M450A452
0.423
0.233
2.53
3.54
35 x 45
470
382LX471M450N042
0.423
0.233
2.53
3.54
40 x 40
560
380LX561M450A052
0.355
0.171
2.50
3.50
35 x 50
560
380LX561M450A062
0.355
0.195
2.90
4.10
35 x 63
680
380L681M450A072
0.226
0.120
3.20
4.20
35 x 70
680
382LX681M450N052
0.290
0.160
3.15
4.40
40 x 50
680
382L681M450N062
0.201
0.109
3.40
4.50
40 x 63
820
380LX821M450A082
0.243
0.133
3.80
5.30
35 x 80
820
382LX821M450N062
0.243
0.133
3.70
5.20
40 x 63
820
382LX821M450B052V
0.263
0.145
4.31
4.96
50 x 50
1000
382LX102M450N082
0.216
0.119
4.20
5.90
40 x 80
1000 382LX102M450B062V
0.216
0.119
4.96
6.94
50 x 63
1200
380LX122M450A102
0.170
0.090
4.80
6.72
35 x 105
1200
382LX122M450N082
0.166
0.091
4.85
6.80
40 x 80
1200 382LX122M450B082V
0.180
0.099
5.71
7.99
50 x 80
1500
382LX152M450N102
0.133
0.073
5.81
8.13
40 x 105
1500 382LX152M450B092V
0.144
0.079
6.55
9.17
50 x 92
1800 382LX182M450B102V
0.120
0.066
7.38
10.30 50 x 105
500 Vdc (550 Vdc Surge)
33
380LX330M500H012
4.420
2.652
0.60
0.80
22 x 25
47
380LX470M500H012
3.500
2.100
0.63
0.88
22 x 25
56
380LX560M500H022
2.980
1.788
0.70
0.98
22 x 30
68
380LX680M500H032
2.720
1.632
0.78
1.09
22 x 35
68
380LX680M500J012
2.720
1.632
0.78
1.09
25 x 25
82
380LX820M500H042
2.455
1.473
0.88
1.23
22 x 40
82
380LX820M500J022
2.455
1.473
0.88
1.23
25 x 30
82
380LX820M500K012
2.455
1.473
0.90
1.20
30 x 25
100
380LX101M500H452
2.013
1.208
0.99
1.39
22 x 45
100
380LX101M500J032
2.013
1.208
0.99
1.39
25 x 35
100
380LX101M500J042
2.013
1.208
1.10
1.50
25 x 40


同様の部品番号 - 380LX271M420A022

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LX271M450A022 CDE-380LX271M450A022 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX271M450K452 CDE-380LX271M450K452 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
More results

同様の説明 - 380LX271M420A022

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LX153M035A022 CDE-380LX153M035A022 Datasheet
575Kb / 12P
   2, 4 and 5 pin styles available
381LX221M200H012 CDE-381LX221M200H012 Datasheet
979Kb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
381LX CDE-381LX_17 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
   Choose from Several Pin Styles
logo
Amphenol Corporation
RJCSE-5381-01 AMPHENOL-RJCSE-5381-01 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
logo
Alcoa international inc...
99-3303 ALCOA-99-3303 Datasheet
132Kb / 2P
   Blind Rivet W/2 Head Styles
99-3305 ALCOA-99-3305 Datasheet
133Kb / 2P
   Blind Rivet W/2 Head Styles
logo
Bourns Electronic Solut...
3296W-1-103LF BOURNS-3296W-1-103LF Datasheet
188Kb / 2P
   Multiturn / Cermet / Industrial / Sealed 5 terminal styles
logo
Grayhill, Inc
76RSB04T GRAYHILL-76RSB04T Datasheet
133Kb / 2P
   Raised and Recessed, Rocker and PIANO-DIP짰 Styles
logo
Alcoa international inc...
99-3306 ALCOA-99-3306 Datasheet
133Kb / 2P
   Blind Rivet W/2 Head Styles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com