データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

380LX221M450A022 データシート(PDF) 5 Page - Cornell Dubilier Electronics

部品番号 380LX221M450A022
部品情報  2, 4 and 5 pin styles available
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LX221M450A022 データシート(HTML) 5 Page - Cornell Dubilier Electronics

  380LX221M450A022 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LX221M450A022 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +85°C
Size
120 Hz
20 kHz 120 Hz 20 kHz
D x L
(ohms)
(ohms)
(A)
(A)
(mm)
16 Vdc (20 Vdc Surge)
4700
380LX472M016H012
0.160
0.135
1.77
2.00
22 x 25
6800
380LX682M016H012
0.075
0.063
2.60
2.99
22 x 25
6800
380LX682M016J202
0.110
0.092
1.80
2.10
25 x 20
8200
380LX822M016H012
0.090
0.078
3.10
3.60
22 x 25
10000 380LX103M016H012
0.075
0.062
2.90
3.30
22 x 25
10000 380LX103M016J012
0.143
0.118
3.80
4.30
25 x 25
12000 380LX123M016H022
0.062
0.059
3.13
3.60
22 x 30
12000 380LX123M016J012
0.062
0.052
4.50
5.20
25 x 25
15000 380LX153M016H032
0.055
0.047
3.69
4.24
22 x 35
18000 380LX183M016H032
0.046
0.039
3.98
4.58
22 x 35
22000 380LX223M016H042
0.038
0.032
4.52
5.20
22 x 40
27000 380LX273M016J452
0.031
0.025
6.30
7.30
25 x 45
27000 380LX273M016K022
0.028
0.023
4.70
5.41
30 x 30
33000 380LX333M016J052
0.025
0.021
6.80
7.80
25 x 50
33000 380LX333M016K032
0.025
0.021
6.84
7.87
30 x 35
33000 380LX333M016K042
0.025
0.021
6.80
7.90
30 x 40
33000 380LX333M016A022
0.025
0.021
6.80
7.90
35 x 30
39000 380LX393M016K042
0.024
0.020
6.94
7.98
30 x 40
39000 380LX393M016A032
0.022
0.018
6.95
8.00
35 x 35
47000 380LX473M016K452
0.023
0.019
7.47
8.59
30 x 45
47000 380LX473M016K052
0.020
0.017
7.50
8.60
30 x 50
47000 380LX473M016A042
0.022
0.020
7.50
8.60
35 x 40
56000 380LX563M016A452
0.020
0.019
8.73
10.04
35 x 45
56000 382LX563M016N042
0.022
0.021
9.00
10.40
40 x 40
68000 380LX683M016A452
0.021
0.018
9.05
10.41
35 x 45
68000 380LX683M016A052
0.018
0.017
9.00
10.40
35 x 50
82000 380LX823M016A052
0.020
0.018
9.49
10.91
35 x 50
82000 382LX823M016N052
0.016
0.015
10.30 11.80
40 x 50
100000 380LX104M016A082
0.015
0.014
11.00 12.70
35 x 80
100000 382LX104M016N062
0.018
0.017
11.40 13.00
40 x 63
120000 380LX124M016A082
0.015
0.014
11.50 12.50
35 x 80
120000 382LX124M016N082
0.017
0.016
12.40 14.30
40 x 80
120000 382LX124M016B052V
0.014
0.013
13.17 15.15
50 x 50
150000 382LX154M016B062V
0.012
0.011
14.40 16.56
50 x 63
180000 382LX184M016N102
0.013
0.012
14.85 17.08 40 x 105
180000 382LX184M016B082V
0.011
0.010
15.69 18.04
50 x 80
220000 382LX224M016B092V
0.010
0.009
16.73 19.24
50 x 92
270000 382LX274M016B102V
0.009
0.008
17.79 20.46 50 x 105
25 Vdc (32 Vdc Surge)
3300
380LX332M025H012
0.161
0.130
1.70
1.90
22 x 25
4700
380LX472M025H012
0.110
0.090
2.40
2.75
22 x 25
5600
380LX562M025H012
0.110
0.090
2.40
2.75
22 x 25
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +85°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
25 Vdc (32 Vdc Surge)
6800
380LX682M025H022 0.078
0.063
2.63
3.01
22 x 30
6800
380LX682M025J012 0.078
0.063
3.50
4.00
25 x 25
8200
380LX822M025H022 0.081
0.065
2.86
3.29
22 x 30
8200
380LX822M025J012 0.065
0.049
3.60
4.10
25 x 25
10000
380LX103M025H032 0.058
0.046
3.80
4.30
22 x 35
10000
380LX103M025J022 0.058
0.046
3.80
4.30
25 x 30
12000
380LX123M025J022 0.055
0.044
4.10
4.72
25 x 30
15000
380LX153M025J032 0.044
0.035
4.63
5.32
25 x 35
15000
380LX153M025K022 0.040
0.030
4.60
5.30
30 x 30
18000
380LX183M025J042 0.037
0.029
5.47
6.29
25 x 40
18000
380LX183M025K032 0.035
0.028
5.50
6.30
30 x 35
22000
380LX223M025J452 0.030
0.024
6.10
7.00
25 x 45
22000
380LX223M025J052 0.030
0.023
6.10
7.00
25 x 50
22000
380LX223M025K042 0.030
0.023
6.10
7.00
30 x 40
27000
380LX273M025K042 0.025
0.020
6.21
7.14
30 x 40
27000
380LX273M025K452 0.023
0.020
6.20
7.10
30 x 45
27000
380LX273M025A032 0.023
0.020
6.20
7.10
35 x 35
33000
380LX333M025K452 0.020
0.017
6.84
7.87
30 x 45
33000
380LX333M025K052 0.030
0.016
6.84
7.90
30 x 50
33000
382L333M025N042
0.026
0.016
7.30
8.00
40 x 40
39000
380LX393M025A452 0.020
0.017
7.40
8.50
35 x 45
39000
382LX393M025N042 0.020
0.018
8.00
9.20
40 x 40
47000
380LX473M025A052 0.019
0.015
8.00
9.20
35 x 50
56000
382LX563M025N052 0.016
0.015
9.00
10.30
40 x 50
56000
382L563M025N062
0.015
0.009
9.50
10.30
40 x 63
68000
382LX683M025N062 0.017
0.015
10.25
11.80
40 x 63
82000
382LX823M025B052V 0.016
0.015
12.29
14.13
50 x 50
100000
380LX104M025A102 0.010
0.008
9.50
12.00 35 x 105
100000
382LX104M025N082 0.012
0.011
12.00
13.40
40 x 80
100000 382LX104M025B062V 0.014
0.013
13.45
15.47
50 x 63
120000 382LX124M025B082V 0.012
0.011
15.29
17.58
50 x 80
150000
382LX154M025N102 0.011
0.010
14.07
16.18 40 x 105
150000 382LX154M025B092V 0.011
0.010
16.01
18.41
50 x 92
180000 382LX184M025B102V 0.010
0.009
16.89
19.42 50 x 105
35 Vdc (44 Vdc Surge)
2200
380LX222M035H012 0.166
0.125
1.50
1.75
22 x 25
3300
380LX332M035H012 0.110
0.085
2.30
2.60
22 x 25
3900
380LX392M035H012 0.095
0.070
2.70
3.10
22 x 25
4700
380LX472M035H022 0.080
0.060
3.30
3.70
22 x 30
4700
380LX472M035J012 0.080
0.060
3.30
3.70
25 x 25
5600
380LX562M035H022 0.083
0.063
3.40
3.90
22 x 30
5600
380LX562M035J012 0.083
0.063
3.40
3.90
25 x 25


同様の部品番号 - 380LX221M450A022

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LX221M450A022 CDE-380LX221M450A022 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
More results

同様の説明 - 380LX221M450A022

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
380LX153M035A022 CDE-380LX153M035A022 Datasheet
575Kb / 12P
   2, 4 and 5 pin styles available
381LX221M200H012 CDE-381LX221M200H012 Datasheet
979Kb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
381LX CDE-381LX_17 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
   Choose from Several Pin Styles
logo
Amphenol Corporation
RJCSE-5381-01 AMPHENOL-RJCSE-5381-01 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
logo
Alcoa international inc...
99-3303 ALCOA-99-3303 Datasheet
132Kb / 2P
   Blind Rivet W/2 Head Styles
99-3305 ALCOA-99-3305 Datasheet
133Kb / 2P
   Blind Rivet W/2 Head Styles
logo
Bourns Electronic Solut...
3296W-1-103LF BOURNS-3296W-1-103LF Datasheet
188Kb / 2P
   Multiturn / Cermet / Industrial / Sealed 5 terminal styles
logo
Grayhill, Inc
76RSB04T GRAYHILL-76RSB04T Datasheet
133Kb / 2P
   Raised and Recessed, Rocker and PIANO-DIP짰 Styles
logo
Alcoa international inc...
99-3306 ALCOA-99-3306 Datasheet
133Kb / 2P
   Blind Rivet W/2 Head Styles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com