データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADMV7810-SX データシート(PDF) 10 Page - Analog Devices

部品番号 ADMV7810-SX
部品情報  Amplifier with Power Detector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADMV7810-SX データシート(HTML) 10 Page - Analog Devices

Back Button ADMV7810-SX Datasheet HTML 6Page - Analog Devices ADMV7810-SX Datasheet HTML 7Page - Analog Devices ADMV7810-SX Datasheet HTML 8Page - Analog Devices ADMV7810-SX Datasheet HTML 9Page - Analog Devices ADMV7810-SX Datasheet HTML 10Page - Analog Devices ADMV7810-SX Datasheet HTML 11Page - Analog Devices ADMV7810-SX Datasheet HTML 12Page - Analog Devices ADMV7810-SX Datasheet HTML 13Page - Analog Devices ADMV7810-SX Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADMV7810
Data Sheet
Rev. 0 | Page 10 of 17
40
10
500
900
DRAIN CURRENT (mA)
15
20
25
30
35
600
700
800
GAIN
P1dB
PSAT
Figure 27. Gain, Output P1dB, and PSAT vs. IDD, RF = 86 GHz
30
0
–15
11
INPUT POWER (dBm)
5
10
15
20
25
1200
600
700
800
900
1000
1100
–13 –11 –9
–7
–5
–3
–1
13579
POUT
GAIN
PAE
IDD
Figure 28. Gain, POUT, PAE, and IDD vs. Input Power, RF = 81 GHz, IDD = 700 mA
30
0
–15
11
INPUT POWER (dBm)
5
10
15
20
25
1200
600
700
800
900
1000
1100
–13 –11 –9
–7
–5
–3
–1
13579
POUT
GAIN
PAE
IDD
Figure 29. Gain, POUT, PAE, and IDD vs. Input Power, RF = 83.5 GHz, IDD = 700 mA
30
0
–15
11
INPUT POWER (dBm)
5
10
15
20
25
1200
600
700
800
900
1000
1100
–13 –11 –9
–7
–5
–3
–1
13579
POUT
GAIN
PAE
IDD
Figure 30. Gain, POUT, PAE, and IDD vs. Input Power, RF = 86 GHz,
IDD = 700 mA
30
0
–15
11
INPUT POWER (dBm)
5
10
15
20
25
1200
600
700
800
900
1000
1100
–13 –11 –9
–7
–5
–3
–1
13579
POUT
GAIN
PAE
IDD
Figure 31. Gain, POUT, PAE, and IDD vs. Input Power, RF = 81 GHz, IDD = 800 mA
30
0
–15
11
INPUT POWER (dBm)
5
10
15
20
25
1200
600
700
800
900
1000
1100
–13 –11 –9
–7
–5
–3
–1
13579
POUT
GAIN
PAE
IDD
Figure 32. Gain, POUT, PAE, and IDD vs. Input Power, RF = 83.5 GHz, IDD = 800 mA


同様の部品番号 - ADMV7810-SX

メーカー部品番号データシート部品情報
logo
Analog Devices
ADMV7310 AD-ADMV7310 Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310-EVALZ AD-ADMV7310-EVALZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7310BCEZ AD-ADMV7310BCEZ Datasheet
437Kb / 29P
   E-Band Upconverter SiP, 71 GHz to 76 GHz
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
ADMV7320-EVALZ AD-ADMV7320-EVALZ Datasheet
422Kb / 29P
   E-Band Upconverter SiP, 81 GHz to 86 GHz
More results

同様の説明 - ADMV7810-SX

メーカー部品番号データシート部品情報
logo
Analog Devices
ADMV7710 AD-ADMV7710 Datasheet
297Kb / 17P
   Power Amplifier with Power Detector
HMC7543 AD-HMC7543 Datasheet
248Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector
logo
Analog Devices
HMC8142 AD-HMC8142 Datasheet
318Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
SiGe Semiconductor, Inc...
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
   5 GHz Power Amplifier with Power Detector
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector
logo
SiGe Semiconductor, Inc...
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
   5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com