データシートサーチシステム |
|
SN74AUP1G08DBVT データシート(PDF) 3 Page - Texas Instruments |
|
|
SN74AUP1G08DBVT データシート(HTML) 3 Page - Texas Instruments |
3 / 13 page SN74AUP1G08 LOW POWER SINGLE 2INPUT POSITIVEAND GATE SCES502B − NOVEMBER 2003 − REVISED AUGUST 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 4.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to 4.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high-impedance or power-off state, VO (see Note 1) −0.5 V to 4.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range in the high or low state, VO (see Note 1) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DBV package 206 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DCK package 252 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . YEP/YZP package 132 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions (see Note 3) MIN MAX UNIT VCC Supply voltage 0.8 3.6 V VCC = 0.8 V VCC VIH High-level input voltage VCC = 1.1 V to 1.95 V 0.65 × VCC V VIH High-level input voltage VCC = 2.3 V to 2.7 V 1.6 V VCC = 3 V to 3.6 V 2 VCC = 0.8 V 0 VIL Low-level input voltage VCC = 1.1 V to 1.95 V 0.35 × VCC V VIL Low-level input voltage VCC = 2.3 V to 2.7 V 0.7 V VCC = 3 V to 3.6 V 0.9 VI Input voltage 0 3.6 V VO Output voltage 0 VCC V VCC = 0.8 V −20 µA VCC = 1.1 V −1.1 IOH High-level output current VCC = 1.4 V −1.7 IOH High-level output current VCC = 1.65 −1.9 mA VCC = 2.3 V −3.1 mA VCC = 3 V −4 VCC = 0.8 V 20 µA VCC = 1.1 V 1.1 IOL Low-level output current VCC = 1.4 V 1.7 IOL Low-level output current VCC = 1.65 V 1.9 mA VCC = 2.3 V 3.1 mA VCC = 3 V 4 ∆t/∆v Input transition rise or fall rate VCC = 0.8 V to 3.6 V 200 ns/V TA Operating free-air temperature −40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
同様の部品番号 - SN74AUP1G08DBVT |
|
同様の説明 - SN74AUP1G08DBVT |