データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA12503 データシート(PDF) 1 Page - Ledil, Inc.

部品番号 CA12503
部品情報  ~30째 medium beam optimized for CREE MT-G. Assembly with holder and installation tape.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12503 データシート(HTML) 1 Page - Ledil, Inc.

  CA12503 Datasheet HTML 1Page - Ledil, Inc. CA12503 Datasheet HTML 2Page - Ledil, Inc. CA12503 Datasheet HTML 3Page - Ledil, Inc. CA12503 Datasheet HTML 4Page - Ledil, Inc. CA12503 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA12503_MIRA-M
MIRA-M
~30° medium beam optimized for CREE MT-G.
Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 35 mm
Height
15.8 mm
Fastening
tape
Colour
white
Box size
480 x 280 x 300 mm
Box weight
10 kg
Quantity in Box
840 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
MIRA-M
Lens
PC
clear
MINNIE-HLD-2-WHT
Holder
PC
white
SPUTNIK-TAPE
Tape
PU tape
black
Last update: 14/06/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


同様の部品番号 - CA12503

メーカー部品番号データシート部品情報
logo
Cree, Inc
CA12503-MIRA-M CREE-CA12503-MIRA-M Datasheet
1,007Kb / 13P
   Mira series
More results

同様の説明 - CA12503

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
CA12504 LEDIL-CA12504 Datasheet
3Mb / 5P
   ~40째 wide beam optimized for CREE MT-G. Assembly with holder and installation tape.
CA12505 LEDIL-CA12505 Datasheet
3Mb / 5P
   ~60째 wide beam optimized for CREE MT-G. Assembly with holder and installation tape.
FA13093 LEDIL-FA13093 Datasheet
4Mb / 5P
   ~30째 medium beam. Assembly with holder and installation tape.
FA11210 LEDIL-FA11210_18 Datasheet
3Mb / 5P
   ~30° medium beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
17/05/2018
FA10339 LEDIL-FA10339_18 Datasheet
2Mb / 5P
   ~30째 medium beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
CA12401 LEDIL-CA12401_18 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
CN13144 LEDIL-CN13144 Datasheet
2Mb / 5P
   ~30째 medium beam with holder optimized for CREE CXA1507
FA11447 LEDIL-FA11447 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for CREE MC-E 14.04 mm high assembly with installation tape.
FA11449 LEDIL-FA11449 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for CREE XR-E. 16.5 mm high assembly with installation tape.
FA11911 LEDIL-FA11911_18 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for CREE XM-L. Assembly with white holder.
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com