データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA14843 データシート(PDF) 3 Page - Ledil, Inc.

部品番号 CA14843
部品情報  Wide oval beam for area lighting optimized for CREE XP-L. Assembly with installation tape.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEDIL [Ledil, Inc.]
ホームページ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14843 データシート(HTML) 3 Page - Ledil, Inc.

  CA14843 Datasheet HTML 1Page - Ledil, Inc. CA14843 Datasheet HTML 2Page - Ledil, Inc. CA14843 Datasheet HTML 3Page - Ledil, Inc. CA14843 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
DATASHEET
CA14843_STRADA-B2
PHOTOMETRIC DATA (MEASURED):
LED
XP-L
FWHM
113.0 + 50.0°
Efficiency
89 %
Peak intensity
0.560 cd/lm
Required components:
LED
XP-L2
FWHM
110.0 + 57.0°
Efficiency
88 %
Peak intensity
0.500 cd/lm
Required components:
Last update: 14/05/2018
Subject to change without prior notice
3/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


同様の部品番号 - CA14843

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CA14 ETC2-CA14 Datasheet
675Kb / 7P
   2400MHz to 2500MHz WLAN/WIFI/Bluetooth/Zigbee
logo
Cree, Inc
CA14000 CREE-CA14000 Datasheet
530Kb / 9P
   Heidi series
logo
Ledil, Inc.
CA14000 LEDIL-CA14000 Datasheet
762Kb / 13P
   Heidi series
CA14000_HEIDI-M-NP LEDIL-CA14000_HEIDI-M-NP Datasheet
762Kb / 13P
   Heidi series
logo
Cree, Inc
CA14026 CREE-CA14026 Datasheet
1Mb / 23P
   Strada series
More results

同様の説明 - CA14843

メーカー部品番号データシート部品情報
logo
Ledil, Inc.
CA13473 LEDIL-CA13473 Datasheet
1Mb / 5P
   Wide oval beam for area lighting optimized for CREE XT-E. Assembly with installation tape.
CA10927 LEDIL-CA10927 Datasheet
850Kb / 5P
   Oval beam for area lighting optimized for CREE XP-E and XP-G
CA14129 LEDIL-CA14129 Datasheet
1Mb / 4P
   Oval beam for area lighting. Assembly with installation tape.
C10926 LEDIL-C10926 Datasheet
1Mb / 5P
   Oval beam for area lighting optimized for CREE XP-E and XP-G
FA10838 LEDIL-FA10838_18 Datasheet
2Mb / 5P
   ~50째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12379 LEDIL-CA12379_18 Datasheet
5Mb / 11P
   ~35째 15째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11824 LEDIL-FA11824_18 Datasheet
2Mb / 7P
   ~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11902 LEDIL-FA11902_18 Datasheet
4Mb / 6P
   ~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12378 LEDIL-CA12378 Datasheet
4Mb / 8P
   ~45째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11825 LEDIL-FA11825_18 Datasheet
2Mb / 6P
   ~55째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com