データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL26313 データシート(PDF) 1 Page - Renesas Technology Corp

部品番号 ISL26313
部品情報  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26313 データシート(HTML) 1 Page - Renesas Technology Corp

  ISL26313 Datasheet HTML 1Page - Renesas Technology Corp ISL26313 Datasheet HTML 2Page - Renesas Technology Corp ISL26313 Datasheet HTML 3Page - Renesas Technology Corp ISL26313 Datasheet HTML 4Page - Renesas Technology Corp ISL26313 Datasheet HTML 5Page - Renesas Technology Corp ISL26313 Datasheet HTML 6Page - Renesas Technology Corp ISL26313 Datasheet HTML 7Page - Renesas Technology Corp ISL26313 Datasheet HTML 8Page - Renesas Technology Corp ISL26313 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
FN7549 Rev 3.00
Page 1 of 23
August 18, 2015
FN7549
Rev 3.00
August 18, 2015
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple
Input Channels
DATASHEET
The ISL26310, ISL26311, ISL26312, ISL26313, ISL26314,
ISL26315 and ISL26319 family of sampling SAR-type ADCs
feature excellent linearity over supply and temperature variations,
and offer versions with 1-, 2-, 4- and 8-channel single-ended
inputs, and 1-, 2- and 4-channel differential inputs. A proprietary
input multiplexer and combination buffer amplifier reduces the
input drive requirements, resulting in lower cost and reduced
board space. Specified measurement accuracy is maintained
with input signals up to VDD.
Members of the ISL26310, ISL26311, ISL26312, ISL26313,
ISL26314, ISL26315 and ISL26319 family of Low-Power ADCs
offer pinout intercompatibility, differing only in the analog inputs,
to support quick replication of proven layouts across multiple
design platforms.
The serial digital interface is SPI compatible and is easily
interfaced to popular FPGAs and microcontrollers. Power
consumption is limited to 11mW at a sampling rate of 125kSPS,
and an operating current of just 8µA typical between conversions,
when configured for Auto Power-down mode.
The ISL26310, ISL26311, ISL26312, ISL26313, ISL26314,
ISL26315, ISL26319 feature up to 5kV Human Body Model ESD
survivability and are available in the popular SOIC and TSSOP
packages. Performance is specified for operation over the full
industrial temperature range (-40°C to +125°C).
Features
• Pin-compatible family allows easy design upgrades
• Excellent differential non-linearity (0.7LSB max)
• Low THD: -86dB (typ)
• Simple SPI-compatible serial digital interface
• Low 2.2mA operating current
• Power-down current between conversions 8µA (typ)
• +5.25V to +2.7V supply
• Excellent ESD survivability: 5kV HBM, 350V MM, 2kV CDM
Applications
• Industrial process control
•Energy measurement
• Multichannel data acquisition systems
• Pressure sensors
• Flow controllers
FIGURE 1. FUNCTIONAL BLOCK DIAGRAM
OSC
ADC
MUX
SPI
POR
ANALOG INPUTS
DIFFERENTIAL/
SINGLE-ENDED
VREF
VDD
CNV
SCLK
SDO
SDI
GND
BUFFER


同様の部品番号 - ISL26313

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL26313 INTERSIL-ISL26313 Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26313 RENESAS-ISL26313 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26313FBZ INTERSIL-ISL26313FBZ Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26313FBZ INTERSIL-ISL26313FBZ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

同様の説明 - ISL26313

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL26310 INTERSIL-ISL26310 Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26320 INTERSIL-ISL26320 Datasheet
1Mb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26320 RENESAS-ISL26320 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26320FBZ INTERSIL-ISL26320FBZ Datasheet
860Kb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435 Datasheet
463Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com