データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL26312FVZ データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 ISL26312FVZ
部品情報  12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26312FVZ データシート(HTML) 3 Page - Renesas Technology Corp

  ISL26312FVZ Datasheet HTML 1Page - Renesas Technology Corp ISL26312FVZ Datasheet HTML 2Page - Renesas Technology Corp ISL26312FVZ Datasheet HTML 3Page - Renesas Technology Corp ISL26312FVZ Datasheet HTML 4Page - Renesas Technology Corp ISL26312FVZ Datasheet HTML 5Page - Renesas Technology Corp ISL26312FVZ Datasheet HTML 6Page - Renesas Technology Corp ISL26312FVZ Datasheet HTML 7Page - Renesas Technology Corp ISL26312FVZ Datasheet HTML 8Page - Renesas Technology Corp ISL26312FVZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319
FN7549 Rev 3.00
Page 3 of 23
August 18, 2015
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
DESCRIPTION
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG
DWG #
RESOLUTION
(Bits)
SPEED
(kHz)
INPUT
(SE/DIFF)
INPUT
CHANNEL
S
ISL26310FBZ (No longer available,
recommended replacement: ISL26320FBZ)
26310 FBZ
12
125
Diff
1
-40 to +125
8 Ld SOIC
M8.15
ISL26311FBZ (No longer available,
recommended replacement: ISL26321FBZ)
26311 FBZ
12
125
SE
1
-40 to +125
8 Ld SOIC
M8.15
ISL26312FVZ
26312 FVZ
12
125
Diff
2
-40 to +125
16 Ld TSSOP
M16.173
ISL26313FBZ
26313 FBZ
12
125
SE
2
-40 to +125
8 Ld SOIC
M8.15
ISL26314FVZ
26314 FVZ
12
125
Diff
4
-40 to +125
16 Ld TSSOP
M16.173
ISL26315FVZ
26315 FVZ
12
125
SE
4
-40 to +125
16 Ld TSSOP
M16.173
ISL26319FVZ
26319 FVZ
12
125
SE
8
-40 to +125
16 Ld TSSOP
M16.173
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315,
ISL26319. For more information on MSL please see techbrief TB363.


同様の部品番号 - ISL26312FVZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL26312FVZ INTERSIL-ISL26312FVZ Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26312FVZ INTERSIL-ISL26312FVZ Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

同様の説明 - ISL26312FVZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL26310 INTERSIL-ISL26310 Datasheet
818Kb / 23P
   12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26320 INTERSIL-ISL26320 Datasheet
1Mb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26320 RENESAS-ISL26320 Datasheet
1Mb / 23P
   12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26320FBZ INTERSIL-ISL26320FBZ Datasheet
860Kb / 23P
   12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435 Datasheet
463Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com