データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28023EVKIT1Z データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 ISL28023EVKIT1Z
部品情報  Precision Digital Power Monitor with Margining
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28023EVKIT1Z データシート(HTML) 3 Page - Renesas Technology Corp

  ISL28023EVKIT1Z Datasheet HTML 1Page - Renesas Technology Corp ISL28023EVKIT1Z Datasheet HTML 2Page - Renesas Technology Corp ISL28023EVKIT1Z Datasheet HTML 3Page - Renesas Technology Corp ISL28023EVKIT1Z Datasheet HTML 4Page - Renesas Technology Corp ISL28023EVKIT1Z Datasheet HTML 5Page - Renesas Technology Corp ISL28023EVKIT1Z Datasheet HTML 6Page - Renesas Technology Corp ISL28023EVKIT1Z Datasheet HTML 7Page - Renesas Technology Corp ISL28023EVKIT1Z Datasheet HTML 8Page - Renesas Technology Corp ISL28023EVKIT1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
ISL28023
FN8389 Rev 5.00
Page 3 of 55
March 18, 2016
Block Diagram
FIGURE 2. BLOCK DIAGRAM
FIR AND
DIGITAL
LOGIC
I
2C
SM BUS
PM BUS
A0
16
A1
SMBCLK
SMBDAT
OSC
SMBALERT1
VINP
VINM
VBUS
GND
ADC
16-BIT
REG MAP
REF
TEMP
SENSE
OV_TEMP_SET
OC_SET
VBUS_S
3.3V
INTERNAL
POWER
AUXP
AUXM
CLO CK
UV_SET
REG
DAC_OUT
OC
DAC
OV/
TEMP
DAC
UV
DAC
I2CVCC
SMBALERT2
LS
LS
CM = 0 to 60V
CM = 0 to VCC
A2
AUXV
VREG_IN
VREG_OUT
VCC
DIV
VBUS_S
Temp_V
VBUS_S
Temp_V
ONLY FOR PRI CHL
EXT_CLK
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VBUS OPTION
(V)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL28023FR12Z
280 23R12Z
12
24 Ld QFN
L24.4x4D
ISL28023FR60Z
280 23R60Z
60
24 Ld QFN
L24.4x4D
ISL28023EVAL1Z
Evaluation Board
ISL28023EVKIT1Z
Evaluation Kit
NOTES:
1. Add “-T” suffix for 6k unit or “-T7A” suffix for 250 unit Tape and Reel options. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28023. For more information on MSL please see techbrief TB363.


同様の部品番号 - ISL28023EVKIT1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28023EVKIT1Z INTERSIL-ISL28023EVKIT1Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023EVKIT1Z INTERSIL-ISL28023EVKIT1Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
More results

同様の説明 - ISL28023EVKIT1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
   Dual I2C Power Supply Monitor and Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com