データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL95839 データシート(PDF) 36 Page - Renesas Technology Corp

部品番号 ISL95839
部品情報  Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL95839 データシート(HTML) 36 Page - Renesas Technology Corp

Back Button ISL95839 Datasheet HTML 28Page - Renesas Technology Corp ISL95839 Datasheet HTML 29Page - Renesas Technology Corp ISL95839 Datasheet HTML 30Page - Renesas Technology Corp ISL95839 Datasheet HTML 31Page - Renesas Technology Corp ISL95839 Datasheet HTML 32Page - Renesas Technology Corp ISL95839 Datasheet HTML 33Page - Renesas Technology Corp ISL95839 Datasheet HTML 34Page - Renesas Technology Corp ISL95839 Datasheet HTML 35Page - Renesas Technology Corp ISL95839 Datasheet HTML 36Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
ISL95839
FN8315 Rev 0.00
Page 36 of 36
May 9, 2013
Package Outline Drawing
L40.5x5
40 LEAD THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 1, 9/10
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
TOP VIEW
BOTTOM VIEW
SIDE VIEW
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.27mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
(40X 0.60)
0.00 MIN
0.05 MAX
(4X)
0.15
INDEX AREA
PIN 1
PIN #1 INDEX AREA
C
SEATING PLANE
BASE PLANE
0.08
SEE DETAIL “X”
C
C
5
6
A
B
B
0.10 M
A
C
C
0.10
//
5.00
0.40
4X 3.60
36X 0.40
0.20
40X 0.4± 0 .1
0.750
0.050
0.2 REF
(40X 0.20)
(36X 0.40
b
PACKAGE OUTLINE
JEDEC reference drawing: MO-220WHHE-1
7.
6
4


同様の部品番号 - ISL95839

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL95839 INTERSIL-ISL95839 Datasheet
1Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
ISL95839HRTZ INTERSIL-ISL95839HRTZ Datasheet
1Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
More results

同様の説明 - ISL95839

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL95839 INTERSIL-ISL95839 Datasheet
1Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
logo
Renesas Technology Corp
ISL95833B RENESAS-ISL95833B Datasheet
194Kb / 2P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
ISL95833 RENESAS-ISL95833 Datasheet
183Kb / 2P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
Rev 2.00
logo
Intersil Corporation
ISL95833 INTERSIL-ISL95833 Datasheet
164Kb / 3P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL95838 RENESAS-ISL95838 Datasheet
196Kb / 2P
   Dual 32 PWM Controller for IMVP-7/VR12??CPUs
ISL95836 RENESAS-ISL95836 Datasheet
186Kb / 2P
   Dual 32 PWM Controller for IMVP-7/VR12™ CPUs
March 14, 2012
ISL95831C RENESAS-ISL95831C Datasheet
190Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12??CPUs
logo
Intersil Corporation
ISL95831IRTZ INTERSIL-ISL95831IRTZ Datasheet
159Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL95831 RENESAS-ISL95831 Datasheet
181Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12™ CPUs
December 22, 2011
logo
Intersil Corporation
ISL95835HRZ INTERSIL-ISL95835HRZ Datasheet
96Kb / 2P
   31 and 11 Voltage Regulator for IMVP-7/VR12??CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com